Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI3330-HV5-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LI3330-HV5-PF
Description  HIGH VOLTAGE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LI3330-HV5-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LI3330-HV5-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LI3330-HV5-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LI3330-HV5-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LI3330-HV5-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LI3330-HV5-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LI3330-HV5-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PART NO. LI3330/HV5-PF
Page 5/5
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
The purpose of this test is the resistance
of the device under tropical for hours.
This test intended to see soldering well
performed or not.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solder Resistance
Test
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202:103B
JIS C 7021: B-11
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
High Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Reliability Test:
Operating Life Test
Test Condition
Test Item
Description
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard


Similar Part No. - LI3330-HV5-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LI3330-HV12-PF LIGITEK-LI3330-HV12-PF Datasheet
128Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results

Similar Description - LI3330-HV5-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LI2040-HV5-PF LIGITEK-LI2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LY3330-HV12-PF LIGITEK-LY3330-HV12-PF Datasheet
128Kb / 6P
   HIGH VOLTAGE LED LAMPS
LE3330-HV12-PF LIGITEK-LE3330-HV12-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG2040-HV5-PF LIGITEK-LG2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LYG75363-HV5-PF LIGITEK-LYG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
LI32640-HV12-PF-FD LIGITEK-LI32640-HV12-PF-FD Datasheet
196Kb / 7P
   HIGH VOLTAGE LED LAMPS
LG65060-S6-PF LIGITEK-LG65060-S6-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV5-PF LIGITEK-LG3330-HV5-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV12-PF LIGITEK-LG3330-HV12-PF Datasheet
135Kb / 6P
   HIGH VOLTAGE LED LAMPS
LI2040-HV15-PF LIGITEK-LI2040-HV15-PF Datasheet
237Kb / 8P
   HIGH VOLTAGE LED LAMPS
LFI2060-HV48-O-PF LIGITEK-LFI2060-HV48-O-PF Datasheet
98Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com