Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4-1212DS Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B4-1212DS
Description  0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B4-1212DS Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B4-1212DS Datasheet HTML 1Page - Bothhand USA, LP. B4-1212DS Datasheet HTML 2Page - Bothhand USA, LP. B4-1212DS Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B4 - DIL Series
0.6 to 1.5 Watt Isolated DC-DC Converter
Single Regulated Output
Page
32
1. Features :
! 14 Pin DIL Package
! Low Ripple and Noise
! Input / Output Isolation 1K Vdc or 3K Vdc
! 100 % Burn-In
! Input Filter with Internal Capacitor
! Custom Design Available
2. Absolute maximum ratings:
( Exceeding these values may damage the module. These are not continuous operating ratings )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
-0.7
5
7.5
12V Input Model
-0.7
12
15
Input Absolute Voltage Range
24V Input Model
-0.7
24
30
Vdc
Max. Output power
---
---
1.5
W
Output Short circuit duration
---
---
1.0
Second
Operating temperature
Output Full Load
-40
---
+85
Storage temperature
-55
---
+105
3. Nominal Input / Output Electrical Specifications :
( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Output Voltage Accuracy
---
---
± 1.0
%
Switching Frequency
---
120
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1000
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1 KHz / 250 mV rms
---
40
---
pF
Line Regulation
---
---
± 0.5
%


Similar Part No. - B4-1212DS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B4-1212DS(H)LF BOTHHAND-B4-1212DS(H)LF Datasheet
629Kb / 2P
   6~1.5W Isolated DC/DC Converter
More results

Similar Description - B4-1212DS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B2-0503S BOTHHAND-B2-0503S Datasheet
230Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-0503D BOTHHAND-B2-0503D Datasheet
217Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
BC-053R6S1 BOTHHAND-BC-053R6S1 Datasheet
1Mb / 5P
   1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
logo
Astrodyne Corporation
ASD105 ASTRODYNE-ASD105 Datasheet
754Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5_16 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com