Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2-243R3S Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # B2-243R3S
Description  0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B2-243R3S Datasheet(HTML) 3 Page - Bothhand USA, LP.

  B2-243R3S Datasheet HTML 1Page - Bothhand USA, LP. B2-243R3S Datasheet HTML 2Page - Bothhand USA, LP. B2-243R3S Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B2 - SIL Series
0.6 to 1 Watt Isolated DC-DC Converter
Dual Split Regulated Output
BOTHHAND USA. http://www.bothhand.com
4.2. 3K Vdc Isolation - Dual split output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max.
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
B2-0503SH
3.3
3.3
100
100
28
226
45
± 0.3
53
B2-053R3SH
3.3
3.3
100
100
28
249
45
± 0.3
53
B2-054R8SH
4.85
4.85
100
100
28
359
45
± 0.3
54
B2-0505SH
5
5.0
5.0
100
100
28
370
45
± 0.3
54
B2-1203SH
3.0
3.0
100
100
18
93
45
± 0.3
54
B2-123R3SH
3.3
3.3
100
100
18
102
45
± 0.3
54
B2-124R8SH
4.85
4.85
100
100
18
147
45
± 0.3
55
B2-1205SH
12
5.0
5.0
100
100
18
152
45
± 0.3
55
B2-2403SH
3.0
3.0
100
100
5
46
45
± 0.3
54
B2-243R3SH
3.3
3.3
100
100
5
51
45
± 0.3
54
B2-244R8SH
4.85
4.85
100
100
5
73
45
± 0.3
55
B2-2405SH
24
5.0
5.0
100
100
5
76
45
± 0.3
55
B2-xxxxSH
Notes:
1.
B2-xxxxSH is for Customer Design.
2.
Load regulation is for output current change from 0 % to 100 % Max. Load.
Mechanical Dimension:
Pin
3K Vdc - Dual Split
1
+Vin
2
-Vin
3
4
---
5
Vo2 (+)
6
Ground
7
Vo1 (+)
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Similar Part No. - B2-243R3S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B2-243R3D BOTHHAND-B2-243R3D Datasheet
217Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-243R3DH BOTHHAND-B2-243R3DH Datasheet
217Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
More results

Similar Description - B2-243R3S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B2-0503D BOTHHAND-B2-0503D Datasheet
217Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
logo
Recom International Pow...
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
logo
C&D Technologies
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com