Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHY22840-S13-MB-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LHY22840-S13-MB-PF
Description  SUPER BRIGHT OVAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHY22840-S13-MB-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LHY22840-S13-MB-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHY22840-S13-MB-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHY22840-S13-MB-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHY22840-S13-MB-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHY22840-S13-MB-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHY22840-S13-MB-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+
-
6.3
4.0
2.54TYP
1.0MIN
25.0MIN
0.5
TYP
3.8
1.5MAX
Page 1/5
PART NO. LHY22840/S13-MB-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
9.6
±0.5
Package Dimensions
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation
Radiation Angle(0.5):H 60 Degree/V 120 Degree
25%
-60
°
100% 75% 50%
0
25%
Vertical Axis 120
°
-30
°
0
°
100%
75%
50%
60
°
Horizontal Axis 60
°
30
°


Similar Part No. - LHY22840-S13-MB-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LHY22840-S13-MB-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SEF32841-PF LIGITEK-L9SEF32841-PF Datasheet
126Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
L9SEF43740-PF LIGITEK-L9SEF43740-PF Datasheet
107Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
L12URF13433S LIGITEK-L12URF13433S Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHY32841-PF LIGITEK-LHY32841-PF Datasheet
124Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF22840-PF LIGITEK-LHRF22840-PF Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUY32843-PF LIGITEK-LUY32843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF13430S-S14-PF LIGITEK-LHRF13430S-S14-PF Datasheet
113Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUE33631PIC LIGITEK-LUE33631PIC Datasheet
101Kb / 5P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUG22841 LIGITEK-LUG22841 Datasheet
72Kb / 5P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUR13430H-S12-PF LIGITEK-LUR13430H-S12-PF Datasheet
108Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHRF23533 LIGITEK-LHRF23533 Datasheet
81Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com