Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-2N1-IX Datasheet(PDF) 2 Page - Powerbox

Part # VI-2N1-IX
Description  50 - 200W PCB MOUNTING COMPONENETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

VI-2N1-IX Datasheet(HTML) 2 Page - Powerbox

  VI-2N1-IX Datasheet HTML 1Page - Powerbox VI-2N1-IX Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
230
JUNIOR SIZED MODULES
FULL SIZED MODULES
Mechanical Drawings
FULL AND JUNIOR SIZED MECHANICAL SPECIFICA TIONS


Similar Part No. - VI-2N1-IX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-2N1CU VICOR-VI-2N1CU Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2N1CV VICOR-VI-2N1CV Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2N1CW VICOR-VI-2N1CW Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2N1CX VICOR-VI-2N1CX Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2N1CY VICOR-VI-2N1CY Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results

Similar Description - VI-2N1-IX

ManufacturerPart #DatasheetDescription
logo
Powerbox
V48A48C500BL POWERBOX-V48A48C500BL Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
V375A48C500BL POWERBOX-V375A48C500BL Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
V24A48C500BL POWERBOX-V24A48C500BL Datasheet
555Kb / 1P
   50 - 400W PCB MOUNTING COMPONENTS
V30A48C500BL POWERBOX-V30A48C500BL Datasheet
506Kb / 1P
   50 - 500W PCB MOUNTING COMPONENTS
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
Marl International Limi...
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
   PCB MOUNTING LED
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Marl International Limi...
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com