Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD-2031 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # AD-2031
Description  ADSL LINE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-2031 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-2031 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER
P/N: AD-2031 DATA SHEET
BOTHHAND
USA
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
l
For use with ADI AD20MSP910/918 ADSL Chipset.
l
Excellent Longitudinal Balance performance.
l
Operating Temperature.: -10°C to +60°C
l
Storage Temperature.: -25
to +75
..
Electrical Specifications @ 25°C
OCL (mH ±10%)
@ 10KHz/0.1V
Leakage Inductance
(uH Max)
@ 100 KHz/0.1V
Longitudinal
Balance (dB Min)
Part
Number
Mounting
Turn Ratio
(±2%)
(1-4):(10-7)
(1-4),(2+3)short (10-7),(8+9)short (1-4),(2+3, 8+9, 10+7)short
(from 25KHz-1.1MHz)
AD-2031
THT
1:1
5.0
18.0
-40
Additional Specifications
DC Resistance
(Ω Max)
Part
Number
THD (dB Max)
(Linearity-Typical)
(1-4),(2+3)short (10-7),(8+9)short
Isolation Voltage
(Vrms)
Insertion Loss
(dB Max)
@ 100 KHz
AD-2031
-80 @ 30KHz 4Vpp
3.2
1875
-0.5
Schematic
Mechanical


Similar Part No. - AD-2031

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2032S BOTHHAND-AD-2032S Datasheet
57Kb / 1P
   ADSL LINE TRANSFORMER
AD-2037S BOTHHAND-AD-2037S Datasheet
56Kb / 1P
   ADSL LINE TRANSFORMER
AD-2037SA BOTHHAND-AD-2037SA Datasheet
299Kb / 1P
   ADSL LINE TRANSFORMER
AD-2039C BOTHHAND-AD-2039C Datasheet
118Kb / 5P
   ADSL CPE SIDE SPLITTER
More results

Similar Description - AD-2031

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com