Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EU1010-XX-SUU Datasheet(PDF) 3 Page - Eorex Corporation

Part # EU1010-XX-SUU
Description  8-bit MCU with 10-bit A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010-XX-SUU Datasheet(HTML) 3 Page - Eorex Corporation

  EU1010-XX-SUU Datasheet HTML 1Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 2Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 3Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 4Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 5Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 6Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 7Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 8Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
MCU Description
Item
Abbreviation
Description
Accumulator
ACC
The EU1010 has an 8-bit register used for data hold,
exchange, arithmetic, transfer and I/O operation.
Index Register
(X,Y)
In EU1010 that builds in two index registers ( X and Y ).
These two index registers could be used to count program
steps or to provide an index value to be used in generating as
effective address.
When executing an instruction which specifies indexed
addressing, the MCU fetches the operation code and the
base address, and modifies the address by adding the index
register to its prior to perform the desired operation. Per or
post-index of indirect address is possible.
Special Function
Register
SFR
The EU1010 includes some special function control registers
in zero-page. For more detailed information about the special
function registers, please refer to next section.
Stack pointer
register
SP
The stack pointer is an 8-bit register that is used to control
the addressing of the variable-length stack. The stack pointer
is automatically incremented and decremented under control
of the microprocessor the perform stack manipulations under
direction of either the program or interrupts. The stack allows
a simple implementation of nested subroutines and multiple
level interrupts. The stack pointer is initialized by the user’s
software.
Program counter
PC
The 14-bit program counter register provides the address
that step the microprocessor through sequential program
instructions.
Program Flag
Register
P
The 8-bit status flag register contains seven status flags.
Some of the flags are controlled by the program and others
may be controlled both by the program and the MCU.
Instruction set contains a number of conditional branch
instructions that are designed to allow testing of these flags.
3/21


Similar Part No. - EU1010-XX-SUU

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010-XX-SUU EOREX-EU1010-XX-SUU Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
More results

Similar Description - EU1010-XX-SUU

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020_15 Datasheet
346Kb / 22P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
   8-bit MCU with 10-bit A/D Converter
logo
Fujitsu Component Limit...
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
   8 CH 10 BIT A/D CONVERTER
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com