Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EU1010-XX-SUU Datasheet(PDF) 2 Page - Eorex Corporation

Part # EU1010-XX-SUU
Description  8-bit MCU with 10-bit A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010-XX-SUU Datasheet(HTML) 2 Page - Eorex Corporation

  EU1010-XX-SUU Datasheet HTML 1Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 2Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 3Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 4Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 5Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 6Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 7Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 8Page - Eorex Corporation EU1010-XX-SUU Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
Pin Assignment
1
2
3
4
5
9
8
7
6
PA[1]
PA[4]
VSS
PB[0]
PB[1]
PB[2]
PB[4]
PA[5]
SOP-10 ( 8 I/O port )
10
VDD
PA[0]
Pin Description
Pin Name
I/O
Function
VDD
-
Positive power supply
VSS
-
Ground
PA0~PA1
PA4~PA5
I/O
Input and output ports.
In input mode, all PA pins could be set an internal pull-up resistor
(R=100Kohm). In output mode, it could be optioned as CMOS or
NMOS output independently. Also, PA0~PA3 could be optioned as 4
channels of 10-bit A/D converter input pins.
PB0~PB1
PB2 / PB4
I/O
Input and output ports. In input mode, it could have optioned internal
pull-up resistor with 100Kohm.
Also, it can be set as HALT and
STOP mode released source when the input signal is changed from
high to low. In output mode, it could be optioned as CMOS or NMOS
output independently.
2/21


Similar Part No. - EU1010-XX-SUU

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010-XX-SUU EOREX-EU1010-XX-SUU Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
More results

Similar Description - EU1010-XX-SUU

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020_15 Datasheet
346Kb / 22P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
   8-bit MCU with 10-bit A/D Converter
logo
Fujitsu Component Limit...
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
   8 CH 10 BIT A/D CONVERTER
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com