Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16ST6122B Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST6122B
Description  10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST6122B Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST6122B Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date :April 15-2000 Pre by:WuQingli Rev.: X.0
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
P/N: 16ST6122B DATA SHEET
A. GENERAL SPECIFICATIONS:
1. 16 PIN, SMD PACKAGE TO MEET 10/100 MB/S T SPECIFICATION.
2. LOW LEAKAGE INDUCTANCE AND WINDING CAPACITANCES FOR FAST RISE TIME.
3. HIGH ISOLATION VOLTAGES TO COMPLY WITH INTERNATIONAL SAFETY
REQUIRMENTS FOR LAN.
4. OPERATING TEMPANGE:0°C TO 70°C.
5. STORAGE TEMP RANG: -25°C TO + 125°C.
B. ELECTRICAL SPRCIFICATIONS: (25°C)
1. TURN RATIOS: 1CT: 1CT (RX 6-8:11-9) & 1.41CT: 1CT (TX 1-3: 16-14)
2. PRIMARY OCL INDUCTANCE (MIN.) AT 0.1 Vrms, 100 KHz, 8mA DC: 350 uH (6-8)&16-14)
3. CW/W (pF TYP123.): 30 pF (1-3 TO 16-14) & (6-8 TO 11-9)
4. LEAKAGE INDUCTANCE( uH Max)AT 100 KHz: (16-14 SHORT) 1-3=1.0 uH MAX
(11-9 SHORT) 6-8=1.0 uH MAX
5. DCR (OHM MAX): 1.7 (14-16)
6. HI-POT ISOLATION (Vrms Min): 1500 V (100% TEST)
7. RISE TIME (ns TYP 10-90%): 3
8. INSERTION LOSS (dB Max): -1 dB AT 100 KHz-80 MHz
9. RETURN LOSS (dB MIN): 1MHz - 30 MHz
-18 dB
30 -60 MHz
-14 dB
60-80 MHz
-13 dB
10. CROSSTALK (dB Min) : 30 dB AT 100 KHz-100 MHz
11. COMMON TO DIFFERENTIAL MODE REJ (dB) MIN:
-40 AT 100 KHz-50 MHz & 30 AT 50 MHz- 155 MHz
12. COMMON TO COMMON MODE REJ (dB) MIN: -40AT 100KHz-155MHz
C. DIMENSIONS & SCHEMATIC & MARKING:


Similar Part No. - 16ST6122B

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST6122 BOTHHAND-16ST6122 Datasheet
109Kb / 1P
   10/100BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - 16ST6122B

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT6149F BOTHHAND-16PT6149F Datasheet
26Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS1102 BOTHHAND-TS1102 Datasheet
28Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121AX BOTHHAND-TS6121AX Datasheet
263Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TSB21L BOTHHAND-TSB21L Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121C3 BOTHHAND-TS6121C3 Datasheet
262Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CH BOTHHAND-TS6121CH Datasheet
292Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6115 BOTHHAND-TS6115 Datasheet
181Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CXLF BOTHHAND-TS6121CXLF Datasheet
112Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CX BOTHHAND-TS6121CX Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121D BOTHHAND-TS6121D_1 Datasheet
261Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com