Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EU1010 Datasheet(PDF) 11 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 7Page - Eorex Corporation EU1010 Datasheet HTML 8Page - Eorex Corporation EU1010 Datasheet HTML 9Page - Eorex Corporation EU1010 Datasheet HTML 10Page - Eorex Corporation EU1010 Datasheet HTML 11Page - Eorex Corporation EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation EU1010 Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
Figure_C
Timer1
Address
06H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
T1BF0
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Read or Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
#
#
#
#
#
#
#
#
Address
07H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
T1BF1
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Read or Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
#
#
#
#
#
#
#
#
Timer1 is a 16-bit down count timer. T1BF0(06H)/low byte and T1BF1(07H)/high byte are timer1 preload
buffer. Timer1 clock source could come from CPU main oscillator (Fosc), refer to figure_D. Timer1 can
work in two kinds of operating mode. One mode is normal 16-bit timer/counter mode and the other one is
specially designed for different interrupt time period.
Figure_D
Timer/counter mode
If T1C.4 (08H.4)=PWM1=0, timer1 works as 16-bit timer/counter mode, register timer1 will down count
by every input clock when timer1 turns on by T1EN=1. When timer1 is down count from 0000H to FFFFH,
T1F bit will be set to “1”. At the same time, if T1INT=1, the timer1 interrupt occurs. Timer1 will
automatically reload data from preload buffer T1BF0(06H) and T1BF1(07H). Therefore, user can preset
T1BF0(06H) and T1BF1(07H) buffer data before different interrupt time duties caused by timer1
11/21


Similar Part No. - EU1010

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUR EOREX-EU1010-XX-SUR Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUT EOREX-EU1010-XX-SUT Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUU EOREX-EU1010-XX-SUU Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
   8-bit MCU with 10-bit A/D Converter
More results

Similar Description - EU1010

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020_15 Datasheet
346Kb / 22P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
   8-bit MCU with 10-bit A/D Converter
logo
Fujitsu Component Limit...
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
   8 CH 10 BIT A/D CONVERTER
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com