Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375C48H500BN2 Datasheet(PDF) 1 Page - Powerbox

Part # V375C48H500BN2
Description  50 - 600 WATTS MOUNTING COMPONENETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

V375C48H500BN2 Datasheet(HTML) 1 Page - Powerbox

  V375C48H500BN2 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
236
375V 2nd Generation
50-600
W A TTS
PCB
MOUNTING
COMPONENTS
Features
Input Voltage: 250-425Vdc
Output Voltage: 2-48Vdc
Output Power (per module):Maxi: 600W Mini:
300W Micro: 150W
Efficiency: Up to 90%
Agency Approvals: UL, CSA, TUV, VDE, BABT, CE
Marked, C-Tick
Specifications
GENERAL
Units
Notes
Set point accuracy
±1% Vout nom.
Nominal input;full load;
25°C
Line regulation
±0.02% Vout nom.
Low line to high line;
full load
Load regulation
±0.02% Vout nom.
No load to full load;
nominal input
Temperature regulation
±0.002% Vout/°C
-20°C to 100°C
Ripple and noise, p-p
100mV
Full load, 20MHz
bandwidth
Remote sense
compensation
0.5 Volts
Overvoltage set point
115% Vout nom.
Current limit
115% out max.
Vout 95% of nominal
Efficiency: 5Vout
83%
Nominal input; 80%
load; 25°C
24Vout
88%
Nominal input; 80%
load; 25°C
Programming range
10-110% Vout nom.
Short circuit current
115% out max.
Output Voltage <250mV
Isolation voltage
3000Vrms
Input to Output
(typical unless otherwise noted
)
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Selection Table
OUTPUT VOLTAGE (VDC)
OUTPUT POWER (W)
MAXI
MINI
MICRO
2V
160
100
50
3.3V
264
150
75
5V
400
200
100
12V
600
300
150
15V
600
300
150
24V
600
300
150
28V
600
300
150
48V
600
300
150
Mechanical Drawings refer to page 237-238
Other O/P voltages consult sales
Product Grade Specifications
E
C
T
H
M
Operating Temp. (°C) -10 to 100 -20 to 100 -40 to 100 -40 to 100
-55 to 100
Storage Temp. (°C) -20 to 125 -40 to 125 -40 to 125 -55 to 125
-65 to 125
Temp. Cycling
none
none
none
24 hours
24 hours
(°C)
(-55 to 125) (-65 to 125)
Burn-In
none
none
none
12 hours
24 hours
Low Temp.Test (°C)
none
none
none
-40°C
-55°C
High Temp.Test (°C)
none
none
none
100°C
100°C
Final Test Data
none
none
none
Part Numbering
375


Similar Part No. - V375C48H500BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C48H150B VICOR-V375C48H150B Datasheet
142Kb / 8P
   375Vin / 48Vout / 150Watts DC-DC Converter Module
V375C48H300B VICOR-V375C48H300B Datasheet
145Kb / 8P
   375Vin / 48Vout / 300Watts DC-DC Converter Module
V375C48H600B VICOR-V375C48H600B Datasheet
150Kb / 8P
   375Vin / 48Vout / 600Watts DC-DC Converter Module
More results

Similar Description - V375C48H500BN2

ManufacturerPart #DatasheetDescription
logo
Powerbox
V48A48C500BL POWERBOX-V48A48C500BL Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
VI200 POWERBOX-VI200 Datasheet
533Kb / 2P
   50 - 200W PCB MOUNTING COMPONENETS
logo
Astec America, Inc
AIF120Y300 ASTEC-AIF120Y300 Datasheet
131Kb / 2P
   600 Watts
logo
XP Power Limited
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
580Kb / 2P
   400/600 Watts
CCH400 XPPOWER-CCH400 Datasheet
586Kb / 2P
   400/600 Watts CCH400600 Series
logo
Astec America, Inc
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Artesyn Technologies
AIF120Y300 ARTESYN-AIF120Y300 Datasheet
523Kb / 3P
   Total Power: 600 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com