Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM481M1622VTC-6F Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM481M1622VTC-6F
Description  16Mb (512K횞2Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM481M1622VTC-6F Datasheet(HTML) 5 Page - Eorex Corporation

  EM481M1622VTC-6F Datasheet HTML 1Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 2Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 3Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 4Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 5Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 6Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 7Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 8Page - Eorex Corporation EM481M1622VTC-6F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
eorex
EM481M1622VTC
Dec. 2007
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +4.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +
70
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=3.3V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
4.0
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
4.0
pF
CO
Input/Output Capacitance
5.5
pF
Recommended DC Operating Conditions (TA=-0°C ~+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VDDQ
Power Supply Voltage (for I/O Buffer)
3.0
3.3
3.6
V
VIH
Input Logic High Voltage
2.0
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.8
V
Note: * All voltages referred to VSS.
* VIH (max.) = 5.6V for pulse width 3ns
* VIL (min.) = -2.0V for pulse width 3ns
5/18


Similar Part No. - EM481M1622VTC-6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM481M1622VTA ETC2-EM481M1622VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
More results

Similar Description - EM481M1622VTC-6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM481M1622VTA ETC2-EM481M1622VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
logo
White Electronic Design...
WEDPNF8M722V-XBX WEDC-WEDPNF8M722V-XBX Datasheet
1Mb / 43P
   8Mx72 Synchronous DRAM 16Mb Flash Mixed Module Multi-Chip Package
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Vanguard International ...
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
logo
List of Unclassifed Man...
VG3617161BT ETC-VG3617161BT Datasheet
1Mb / 69P
   16Mb CMOS Synchronous Dynamic RAM
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com