Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM3284LBA Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM48AM3284LBA
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM3284LBA Datasheet(HTML) 4 Page - Eorex Corporation

  EM48AM3284LBA_09 Datasheet HTML 1Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 2Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 3Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 4Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 5Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 6Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 7Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 8Page - Eorex Corporation EM48AM3284LBA_09 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
4/22
Pin Assignment
1
2
3
7
8
9
DQ26
DQ24
VSS
A
VDD
DQ23
DQ21
DQ28
VDDQ
VSSQ
B
VDDQ
VSSQ
DQ19
VSSQ
DQ27
DQ25
C
DQ22
DQ20
VDDQ
VSSQ
DQ29
DQ30
D
DQ17
DQ18
VDDQ
VDDQ
DQ31
NC
E
NC
DQ16
VSSQ
VSS
DQM3
A3
F
A2
DQM2
VDD
A4
A5
A6
G
A10
A0
A1
A7
A8
A12
H
NC
BA1
A11
CLK
CKE
A9
J
BA0
/CS
/RAS
DQM1
NC
NC
K
/CAS
/WE
DQM0
VDDQ
DQ8
VSS
L
VDD
DQ7
VSSQ
VSSQ
DQ10
DQ9
M
DQ6
DQ5
VDDQ
VSSQ
DQ12
DQ14
N
DQ1
DQ3
VDDQ
DQ11
VDDQ
VSSQ
P
VDDQ
VSSQ
DQ4
DQ13
DQ15
VSS
R
VDD
DQ0
DQ2
90ball TFBGA / (10mm x 13mm)


Similar Part No. - EM48AM3284LBA_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM48AM3284LBA-75F ETC2-EM48AM3284LBA-75F Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBA-75F EOREX-EM48AM3284LBA-75F Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA-75FE ETC2-EM48AM3284LBA-75FE Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBA-75FE EOREX-EM48AM3284LBA-75FE Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
EM48AM3284LBA-7FE EOREX-EM48AM3284LBA-7FE Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM48AM3284LBA_09

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM3284LBA EOREX-EM48AM3284LBA Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
   512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
   16Mx32 512Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA Datasheet
672Kb / 19P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com