Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM44BM1684LBB Datasheet(PDF) 6 Page - Eorex Corporation

Part # EM44BM1684LBB
Description  512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44BM1684LBB Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EM44BM1684LBB Datasheet HTML 2Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 3Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 4Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 5Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 6Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 7Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 8Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 9Page - Eorex Corporation EM44BM1684LBB Datasheet HTML 10Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
eorex
EM44BM1684LBB
Jan. 2008
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.5 ~ +2.3
V
VDD, VDDQ,
Power Supply Voltage
-0.5 ~ +2.3
V
VDDL,
DLL Power Supply Voltage
-0.5 ~ +2.3
V
TOP
Operating Temperature Range
0 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +100
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note:
Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=1.8V ± 0.1V, f=1MHz, TA=25°C)
DDR2-400/533
DDR2-667
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
CCK
Input Capacitance of CK, /CK
1.0
2.0
1.0
2.0
pF
CDCK
Input Capacitance delta of CK, /CK
-
0.25
-
0.25
pF
CI
Input Capacitance for others: CKE,
Address, /CS, /RAS, /CAS, /WE
1.0
2.0
1.0
2.0
pF
CDI
Input Capacitance delta for others
-
0.25
-
0.25
pF
CIO
Input/Output Capacitance
DQ, DM, DQS, DQS, RDQS,
RDQS
2.5
4
2.5
3.5
pF
CDIO
Input/Output Capacitance delta
-
0.5
-
0.5
pF
Recommended DC Operating Conditions (TA=0°C ~85°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDDL
Power Supply for DLL Voltage
1.7
1.8
1.9
V
VDDQ
Power Supply for Output Voltage
1.7
1.8
1.9
V
VREF
Input Reference Voltage
0.49* VDDQ
0.5* VDDQ
0.51* VDDQ
V
VTT
Termination Voltage
VREF - 0.04
VREF
VREF +0.04
V
VID
DC differential Input Voltage
0.25
-
VDDQ+0.6
V
VIH
Input Logic High Voltage
VREF +0.125
-
VDDQ+0.3
V
VIL
Input Logic Low Voltage
-0.3
-
VREF - 0.125
V
Note:
* All voltages referred to VSS.
6/29


Similar Part No. - EM44BM1684LBB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44BM1684LBB EOREX-EM44BM1684LBB_15 Datasheet
1Mb / 28P
   Double DATA RATE 2 SDRAM
More results

Similar Description - EM44BM1684LBB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA EOREX-EM42BM1684LBA Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBC EOREX-EM42AM3284LBC Datasheet
295Kb / 24P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM44CM1688LBC EOREX-EM44CM1688LBC_15 Datasheet
925Kb / 29P
   Double DATA RATE 2 SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB_15 Datasheet
1Mb / 28P
   Double DATA RATE 2 SDRAM
EM44DM0888LBA EOREX-EM44DM0888LBA_15 Datasheet
755Kb / 29P
   Double DATA RATE 2 SDRAM
EM44CM0884LBA EOREX-EM44CM0884LBA_15 Datasheet
778Kb / 28P
   Double DATA RATE 2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com