Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHRF4843-TRF-X Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHRF4843-TRF-X
Description  TAPE AND REEL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF4843-TRF-X Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHRF4843-TRF-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF4843-TRF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF4843-TRF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF4843-TRF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF4843-TRF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF4843-TRF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.06
-------
1.42
T
-------
Overall Taped Package Thickness
-------
1000PCS
LHRF4843/TRF-X
Specification
minimum
Iside Reel Flange Thickness
Hub Recess Inside Diameter
Arbor Hole Diameter
Overall Reel Thickness
Core Diameter
Reel Diameter
T1
T
D3
30.0
1.18
13.8
0.54
D2
D1
D
28.6
34.9
1.13
1.37
78.2
mm
inch
3.08
Adhesive Tape Position
Dimensions Symbol Information
REMARK:TRF=Tape And Reel Forming Leads
Tape Width
Description
Feed Hole Location
Adhesive Tape Width
-------
Symbol
-------
-------
-------
D3
D2
D1
maxmum
MARKING
50.0
1.97
57.2
38.1
2.25
1.5
88.0
102
3.46
4.02
380
mm
inch
14.96
T1 T2
D
0.33
0.69
0
0.57
Package Dimensions
W3
17.5
W1
W2
W0
14.5
0
8.5
0.75
19.0
15.5
4.0
9.75
0.61
0.16
0.38
0.77
0.69
19.5
TRF-1
17.5
TRF-11
TRF-12
TRF-9
Center Of Component Location
Lead Length After Component Height
Feed Hole To Overall Component Height
Lead Location
Feed Hole Pitch
-------
-------
-------
-------
-------
Feed Hole To Bottom Of Component
TRF-5
TRF-7
TRF-8
TRF-6
TRF-3
TRF-4
TRF-2
1.1
1.02
28.0
26.0
0.94
-------
0.49
0.2
0.12
0.83
W0
L
P1
P2
P
3.15
5.1
12.4
H2
21.0
-------
24.0
0.43
11.0
4.55
7.7
13.0
0.18
0.3
0.51
23.0
36
26.0
0.91
1.42
1.02
0.89
0.75
1.0
0.85
0.8
0.67
0.79
21.5
H1
17.125
20.0
20.2
22.5
25.5
19.0
0.89
22.5
21.125
22.5
21.2
0.83
0.89
0.83
24.5
26.5
21.0
0.96
1.04
0.83
OPTION
CODE
SYMBOL ITEMS
Height Of Seating Plane
Front-To-Rear Deflection
Component Lead Pitch
Tape Feed Hole Diameter
-------
-------
-------
-------
PART NO. LHRF4843/TRF-X
Dimensions Symbol Information
SPECIFICATIONS
-------
0.19
0.15
0.61
inch
D
3.8
H
H
F
-------
15.5
4.8
SYMBOL
Minimum
mm
0.17
4.2
2.0
16.5
5.8
0.08
0.65
0.23
Maximum
mm
inch
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/5
---
---


Similar Part No. - LHRF4843-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF4843-TBF-22 LIGITEK-LHRF4843-TBF-22 Datasheet
110Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LHRF4843-TBF-X LIGITEK-LHRF4843-TBF-X Datasheet
117Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LHRF4843-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LG2041-TRF-5 LIGITEK-LG2041-TRF-5 Datasheet
127Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com