Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM42AM1684RTB-5F Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM42AM1684RTB-5F
Description  256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42AM1684RTB-5F Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM42AM1684RTB-5F Datasheet HTML 3Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 4Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 5Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 6Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 7Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 8Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 9Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 10Page - Eorex Corporation EM42AM1684RTB-5F Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
eorex
EM42AM1684RTB
Jun. 2009
www.eorex.com
7/19
AC Operating Test Conditions
(VDD=2.5V±0.2V, TA=0°C ~70°C)
Item
Conditions
Output Reference Level
1.25V/1.25V
Output Load
See diagram as below
Input Signal Level
VREF+0.31V/ VREF-0.31V
Transition Time of Input Signals
1ns
Input Reference Level
VDDQ/2
AC Operating Test Characteristics
(VDD=2.5V±0.2V, TA=0°C ~70°C)
-6
-5
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tDQCK
DQ output access from CLK,/CLK
-0.7
0.7
-0.65
0.65
ns
tDQSCK
DQS output access from CLK,/CLK
-0.6
0.6
-0.6
0.6
ns
tCL,tCH
CL low/high level width
0.45
0.55
0.45
0.55
tCK
CL=2
7.5
12
7.5
10
ns
CL=2.5
6
12
6
10
ns
tCK
Clock Cycle Time
CL=3
6
12
5
10
ns
tDH,tDS
DQ and DM hold/setup time
0.45
0.4
ns
tDIPW
DQ and DM input pulse width for
each input
1.75
1.75
ns
tHZ,tLZ
Data out high/low impedance time
from CLK,/CLK
-0.7
0.7
-0.65
0.65
ns
tDQSQ
DQS-DQ skew for associated DQ
signal
0.45
0.4
ns
tDQSS
Write command to first latching DQS
transition
0.75
1.25
0.75
1.25
tCK
tDSL,tDS
H
DQS input valid window
0.35
0.35
tCK
tMRD
Mode Register Set command cycle
time
12
12
ns
tWPRES
Write Preamble setup time
0
0
ns
tWPST
Write Preamble
0.4
0.6
0.4
0.6
tCK
tIH,tIS
Address/control input hold/setup
time
0.8
0.65
ns
tRPRE
Read Preamble
0.9
1.1
0.9
1.1
tCK


Similar Part No. - EM42AM1684RTB-5F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5F EOREX-EM42AM1684RTA-5F Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5FE EOREX-EM42AM1684RTA-5FE Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5FE EOREX-EM42AM1684RTA-5FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-6F EOREX-EM42AM1684RTA-6F Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42AM1684RTB-5F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com