Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM42AM1684RTB Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM42AM1684RTB
Description  256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42AM1684RTB Datasheet(HTML) 5 Page - Eorex Corporation

  EM42AM1684RTB Datasheet HTML 1Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 2Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 3Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 4Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 5Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 6Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 7Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 8Page - Eorex Corporation EM42AM1684RTB Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
eorex
EM42AM1684RTB
Jun. 2009
www.eorex.com
5/19
Recommended DC Operating Conditions
(VDD=2.5V±0.2V, TA=0°C ~ 70°C)
Max.
Symbol
Parameter
Test Conditions
Units
IDD1
Operating Current
(Note 1)
Burst length=4,
tRC≥tRC(min.), IOL=0mA,
One bank active
160
mA
IDD2P
Precharge Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=min
30
mA
IDD2N
Precharge Standby Current in
Non-power Down Mode
CKE
≥V
IL(min.), tCK=min,
/CS
≥V
IH(min.)
Input signals are changed one time
during 2 clks
50
mA
IDD3P
Active Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=min
30
mA
IDD3N
Active Standby Current in
Non-power Down Mode
CKE
≥V
IH(min.), tCK=min,
/CS
≥V
IH(min.)
Input signals are changed one time
during 2 clks
90
mA
READ
270
IDD4
Operating Current (Burst
Mode)
(Note 2)
tCK ≥ tCK(min.), IOL=0mA,
All banks active
WRITE
250
mA
IDD5
Refresh Current
(Note 3)
tRC≥ tRFC (min.), All banks active
210
mA
IDD6
Self Refresh Current
CKE
≤0.2V
3
mA
*All voltages referenced to VSS.
Note 1: IDD1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: IDD4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Min. of tRFC (Auto refresh Row Cycle Times) is shown at AC Characteristics.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Max.
Units
IIL
Input Leakage Current
0
≤V
I≤VDDQ, VDDQ=VDD
All other pins not under test=0V
-5
+5
uA
IOL
Output Leakage Current
0
≤V
O≤VDDQ, DOUT is disabled
-5
+5
uA
VOH
High Level Output Voltage
IO=-16.8mA
VDDQ-0.373
V
VOL
Low Level Output Voltage
IO=+16.8mA
0.373
V
IOHW
VOUT=VDDQ-0.763V; min.VREF VTT
-9
mA
IOLw
Output current
half-strength Driver
VOUT= 0.763V ; max. VREF VTT
9
mA


Similar Part No. - EM42AM1684RTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5F EOREX-EM42AM1684RTA-5F Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5FE EOREX-EM42AM1684RTA-5FE Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5FE EOREX-EM42AM1684RTA-5FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-6F EOREX-EM42AM1684RTA-6F Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42AM1684RTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com