Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL2L3VEJS Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL2L3VEJS
Description  Property of Lite-On Only
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2L3VEJS Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL2L3VEJS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics at TA=25 ºC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
2500
5000
9300
mcd
IF = 20mA
Note 1
Viewing Angle
1/2
35
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
639
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
617
625
633
nm
Note 4
Spectral Line Half-Width
∆λ
17
nm
Forward Voltage
VF
1.8
2.1
2.5
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0 , f = 1MHz
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part No. : LTL2L3VEJS
Page :
3
of
10
BNS-OD-C131/A4


Similar Part No. - LTL2L3VEJS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2L3VEJS-032A LITEON-LTL2L3VEJS-032A Datasheet
219Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTL2L3VEJS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com