Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV51142T Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV51142T
Description  CMOS IC 1-Cell Lithium-Ion Battery Protection IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV51142T Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV51142T Datasheet HTML 1Page - Sanyo Semicon Device LV51142T Datasheet HTML 2Page - Sanyo Semicon Device LV51142T Datasheet HTML 3Page - Sanyo Semicon Device LV51142T Datasheet HTML 4Page - Sanyo Semicon Device LV51142T Datasheet HTML 5Page - Sanyo Semicon Device LV51142T Datasheet HTML 6Page - Sanyo Semicon Device LV51142T Datasheet HTML 7Page - Sanyo Semicon Device LV51142T Datasheet HTML 8Page - Sanyo Semicon Device LV51142T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LV51142T
No.A1641-5/13
Continued from preceding page.
• Current consumption on operation and shutdown --- [Circuit 4]
Set V1 = 3.5V and V2 = 0V on normal condition. IDD shows current consumption on operation Iopr.
Set V1 = V2 = 1.8V on over-discharge condition. IDD shows current consumption on shutdown Isdn.
• Co : Pch ON resistance, Co : Nch ON resistance --- [Circuit 5]
Set V1 = 3.5V, V2 = 0V and V3 = 3.0V. (V1-V3)/
|ICo| is Pch ON resistance Rcop.
Set V1 = 4.6V, V2 = 0V and V3 = 0.5V. V3/
|ICo| is Nch ON resistance Rcon.
• Do : Pch ON resistance, Do : Nch ON resistance --- [Circuit 5]
Set V1 = 3.5V, V2 = 0V and V4 = 3.0V. (V1-V4)/
|IDo| is Pch ON resistance Rdop.
Set V1 = V2 = 1.8V and V4 = 0.5V. V4/
|IDo| is Nch ON resistance Rdon.
• Discharge over-current release resistance --- [Circuit 5]
Set V1 = 3.5V, V2 = 0V at first. And then, set V2 = 1.0V. V2/
|IVM| is discharge over-current release resistance Rdwn.
• Over-charge detection delay time, Release delay time 2 --- [Circuit 6]
Set V2 = 0V. Increase V1 from the voltage VC-0.2V to VC+0.2V rapidly within 10
μs. Over-charge detection delay time
tc is the time needed for VCO to go "Low" just after the change of V1.
Next, set V2 = 1V and decrease V1 from VC+0.2V to VC-0.2V rapidly within 10
μs. Over-charge release delay time trel
2 is the time needed for VCO to go "High" just after the change of V1.
• Over-discharge detection delay time, Release delay time 1 --- [Circuit 6]
Set V2 = 0V. Decrease V1 from the voltage Vdc+0.2V to Vdc-0.2V rapidly within 10
μs. Over-discharge detection
delay time tdc is the time needed for VDO to go "Low" just after the change of V1.
Next, set V2 = -1V and increase V1 from Vdc-0.2V to Vdc+0.2V rapidly within 10
μs. Release delay time 1 trel1 in case
of over-discharge is the time needed for VDO to go "High" just after the change of V1.
• Charge over-current detection delay time, Release delay time 1 --- [Circuit 6]
Set V1 = 3.0V and V2 = 0V. Decrease V2 from 0V to -1V rapidly within 10
μs. Charge over-current delay time tic is the
time needed for VCO to go "Low" just after the change of V2.
Next, increase V2 from -1V to 0V rapidly within 10
μs. Release delay time 1 trel1 in case of charge over-current is the
time needed for VCO to go "High" just after the change of V2.
• Discharge over-current detection delay time, Release delay time 1 --- [Circuit 6]
Set V1 = 3.0V and V2 = 0V. Increase V2 from 0V to 1V rapidly within 10
μs. Discharge over-current delay time tidc is
the time needed for VDO to go "Low" just after the change of V2.
Next, decrease V2 from 1V to 0V rapidly within 10
μs. Release delay time 1 trel1 in case of discharge over-current is the
time needed for VDO to go "High" just after the change of V2.
• Load short-circuiting detection delay time, Release delay time 1 --- [Circuit 6]
Set V1 = 3.0V and V2 = 0V. Increase V2 from 0V to 3.0V rapidly within 10
μs. Load short-circuiting detection delay
time tshort is the time needed for VDO to go "Low" just after the change of V2.
Next, decrease V2 from 3.0V to 0V rapidly within 10
μs. Release delay time 1 trel1 in case of load short-circuiting is the
time needed for VDO to go "High" just after the change of V2.


Similar Part No. - LV51142T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51140T SANYO-LV51140T Datasheet
103Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
LV51141T SANYO-LV51141T Datasheet
103Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
LV51144T SANYO-LV51144T Datasheet
241Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - LV51142T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51144T SANYO-LV51144T Datasheet
241Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
LV51140T SANYO-LV51140T Datasheet
103Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
LV51141T SANYO-LV51141T Datasheet
103Kb / 13P
   CMOS IC 1-Cell Lithium-Ion Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
   1-cell lithium ion/lithium polymer battery protection IC
logo
Sanyo Semicon Device
LV51131T SANYO-LV51131T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV5124T SANYO-LV5124T Datasheet
171Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51138T SANYO-LV51138T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T Datasheet
168Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51137T SANYO-LV51137T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV5122T SANYO-LV5122T Datasheet
179Kb / 10P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com