Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3588IMSE-1PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3588IMSE-1PBF
Description  Piezoelectric Energy Harvesting Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3588IMSE-1PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3588IMSE-1PBF Datasheet HTML 3Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 4Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 5Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 6Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 7Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 8Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 9Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 10Page - Linear Technology LTC3588IMSE-1PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3588-1
7
35881f
PIN FUNCTIONS
PZ1 (Pin 1): Input connection for piezoelectric element or
other AC source (used in conjunction with PZ2).
PZ2 (Pin 2): Input connection for piezoelectric element or
other AC source (used in conjunction with PZ1).
CAP (Pin 3): Internal rail referenced to VIN to serve as gate
drive for buck PMOS switch. A 1μF capacitor should be
connected between CAP and VIN. This pin is not intended
for use as an external system rail.
VIN (Pin 4): Rectified Input Voltage. A capacitor on this
pin serves as an energy reservoir and input supply for the
buck regulator. The VIN voltage is internally clamped to a
maximum of 20V (typical).
SW (Pin 5): Switch Pin for the Buck Switching Regulator.
A 10μH or larger inductor should be connected from SW
to VOUT.
VOUT (Pin 6): Sense pin used to monitor the output volt-
age and adjust it through internal feedback.
VIN2 (Pin 7): Internal low voltage rail to serve as gate drive
for buck NMOS switch. Also serves as a logic high rail for
output voltage select bits D0 and D1. A 4.7μF capacitor
should be connected from VIN2 to GND. This pin is not
intended for use as an external system rail.
D1 (Pin 8): Output Voltage Select Bit. D1 should be tied
high to VIN2 or low to GND to select desired VOUT (see
Table 1).
D0 (Pin 9): Output Voltage Select Bit. D0 should be tied
high to VIN2 or low to GND to select desired VOUT (see
Table 1).
PGOOD (Pin 10): Power good output is logic high when
VOUT is above 92% of the target value. The logic high is
referenced to the VOUT rail.
GND (Exposed Pad Pin 11): Ground. The Exposed Pad
should be connected to a continuous ground plane on the
second layer of the printed circuit board by several vias
directly under the LTC3588-1.


Similar Part No. - LTC3588IMSE-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3588-1 LINER-LTC3588-1 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3588-1 LINER-LTC3588-1 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3588-1 LINER-LTC3588-1 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3588-1 LINER-LTC3588-1 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
More results

Similar Description - LTC3588IMSE-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_10 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3588-1 LINER-LTC3588-1_15 Datasheet
501Kb / 20P
   Nanopower Energy Harvesting Power Supply
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_15 Datasheet
419Kb / 18P
   Nanopower Energy Harvesting Power Supply with 14V Minimum VIN
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
List of Unclassifed Man...
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com