Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3588IDD-1PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3588IDD-1PBF
Description  Piezoelectric Energy Harvesting Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3588IDD-1PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3588IDD-1PBF Datasheet HTML 1Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 2Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 3Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 4Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 5Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 6Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 7Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 8Page - Linear Technology LTC3588IDD-1PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3588-1
2
35881f
ABSOLUTE MAXIMUM RATINGS
VIN
Low Impedance Source ....................... –0.3V to 18V*
Current Fed, ISW = 0A ...................................... 25mA
PZ1, PZ2...........................................................0V to VIN
D0, D1.............. –0.3V to [Lesser of (VIN2 + 0.3V) or 6V]
CAP......................[Higher of –0.3V or (VIN – 6V)] to VIN
VIN2....................–0.3V to [Lesser of (VIN + 0.3V) or 6V]
(Note 1)
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
PGOOD
D0
D1
VIN2
VOUT
PZ1
PZ2
CAP
VIN
SW
TJMAX = 125°C, θJA = 43°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
PZ1
PZ2
CAP
VIN
SW
10
9
8
7
6
PGOOD
D0
D1
VIN2
VOUT
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3588EDD-1#PBF
LTC3588EDD-1#TRPBF
LFKY
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3588IDD-1#PBF
LTC3588IDD-1#TRPBF
LFKY
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3588EMSE-1#PBF
LTC3588EMSE-1#TRPBF
LTFKX
10-Lead Plastic MSOP
–40°C to 85°C
LTC3588IMSE-1#PBF
LTC3588IMSE-1#TRPBF
LTFKX
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
VOUT....................–0.3V to Lesser of (VIN2 + 0.3V) or 6V
PGOOD...............–0.3V to Lesser of (VOUT + 0.3V) or 6V
IPZ1, IPZ2 ..............................................................±50mA
ISW.......................................................................350mA
Operating Junction Temperature Range
(Notes 2, 3)................................................–40 to 125°C
Storage Temperature Range.......................–65 to 125°C
Lead Temperature (Soldering, 10 sec)
MSE Only.......................................................... 300°C
* VIN has an internal 20V clamp
For t < 1ms and Duty Cycle < 1%,
Absolute Maximum Continuous Current = 5mA


Similar Part No. - LTC3588IDD-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3588-1 LINER-LTC3588-1 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3588-1 LINER-LTC3588-1 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3588-1 LINER-LTC3588-1 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3588-1 LINER-LTC3588-1 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
More results

Similar Description - LTC3588IDD-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_10 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3588-1 LINER-LTC3588-1_15 Datasheet
501Kb / 20P
   Nanopower Energy Harvesting Power Supply
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_15 Datasheet
419Kb / 18P
   Nanopower Energy Harvesting Power Supply with 14V Minimum VIN
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
List of Unclassifed Man...
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com