Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3588EDD-1PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3588EDD-1PBF
Description  Piezoelectric Energy Harvesting Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3588EDD-1PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3588EDD-1PBF Datasheet HTML 5Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 6Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 7Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 8Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 9Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 10Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 11Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 12Page - Linear Technology LTC3588EDD-1PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3588-1
9
35881f
The LTC3588-1 is an ultralow quiescent current power
supply designed specifically for energy harvesting and/or
low current step-down applications. The part is designed to
interface directly to a piezoelectric or alternative A/C power
source, rectify a voltage waveform and store harvested
energy on an external capacitor, bleed off any excess power
via an internal shunt regulator, and maintain a regulated
output voltage by means of a nanopower high efficiency
synchronous buck regulator.
Internal Bridge Rectifier
The LTC3588-1 has an internal full-wave bridge rectifier
accessible via the differential PZ1 and PZ2 inputs that
rectifies AC inputs such as those from a piezoelectric
element. The rectified output is stored on a capacitor at
the VIN pin and can be used as an energy reservoir for the
buck converter. The low-loss bridge rectifier has a total
drop of about 400mV with typical piezo generated currents
(~10μA). The bridge is capable of carrying up to 50mA.
One side of the bridge can be operated as a single-ended
DC input. PZ1 and PZ2 should never be shorted together
when the bridge is in use.
Undervoltage Lockout (UVLO)
When the voltage on VIN rises above the UVLO rising
threshold the buck converter is enabled and charge is
transferred from the input capacitor to the output capaci-
tor. A wide (~1V) UVLO hysteresis window is employed
with a lower threshold approximately 300mV above the
selected regulated output voltage to prevent short cycling
during buck power-up. When the input capacitor voltage
is depleted below the UVLO falling threshold the buck
converter is disabled. Extremely low quiescent current
(450nA typical) in UVLO allows energy to accumulate on
the input capacitor in situations where energy must be
harvested from low power sources.
Internal Rail Generation
Two internal rails, CAP and VIN2,aregeneratedfromVIN and
are used to drive the high side PMOS and low side NMOS
of the buck converter, respectively. Additionally the VIN2
rail serves as logic high for output voltage select bits D0
and D1. The VIN2 rail is regulated at 4.8V above GND while
the CAP rail is regulated at 4.8V below VIN. These are not
intended to be used as external rails. Bypass capacitors
are connected to the CAP and VIN2 pins to serve as energy
reservoirs for driving the buck switches. When VIN is below
4.8V, VIN2 is equal to VIN and CAP is held at GND. Figure 1
shows the ideal VIN, VIN2 and CAP relationship.
Figure 1. Ideal VIN, VIN2 and CAP Relationship
VIN (V)
0
18
12
14
16
10
2
4
8
6
0
10
5
35881 F01
15
VIN
VIN2
CAP
OPERATION
Buck Operation
The buck regulator uses a hysteretic voltage algorithm
to control the output through internal feedback from the
VOUT sense pin. The buck converter charges an output
capacitor through an inductor to a value slightly higher
than the regulation point. It does this by ramping the
inductor current up to 260mA through an internal PMOS
switch and then ramping it down to 0mA through an in-
ternal NMOS switch. This efficiently delivers energy to the
output capacitor. The ramp rate is determined by VIN, VOUT,
and the inductor value. If the input voltage falls below the


Similar Part No. - LTC3588EDD-1PBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTC3588EMSE-1#PBF ETC2-LTC3588EMSE-1#PBF Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
More results

Similar Description - LTC3588EDD-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_10 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3588-1 LINER-LTC3588-1_15 Datasheet
501Kb / 20P
   Nanopower Energy Harvesting Power Supply
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
Linear Technology
LTC3588-2 LINER-LTC3588-2_15 Datasheet
419Kb / 18P
   Nanopower Energy Harvesting Power Supply with 14V Minimum VIN
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
List of Unclassifed Man...
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com