Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6350HMS8TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT6350HMS8TRPBF
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350HMS8TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6350HMS8TRPBF Datasheet HTML 3Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 4Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 5Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 6Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 7Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 8Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 9Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 10Page - Linear Technology LT6350HMS8TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT6350
7
6350f
Input Bias Current
vs Input Voltage, Op Amp 2
Input Bias Current
vs Temperature, Op Amp 1
Input Bias Current
vs Input Voltage, Op Amp 1
V+IN1 (V)
0
–4
1
0
–1
–3
–2
2
15
23
6350 G08
4
VS = 5V
TA = –40°C
TA = 25°C
TA = 125°C
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, V+ = 5V, V= 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RF = SHORT, RG = OPEN, RL = OPEN. See Figure 1.
V+IN2 (V)
0
1
3
2
4
15
23
3586 G35
4
VS = 5V
V+IN1 = V+IN2
TA = –40°C
TA = 25°C
TA = 125°C
TEMPERATURE (°C)
–60
–4
2
1
0
–1
–2
–3
3
–40
120 140
–20 0
204060
6350 G13
80 100
V+IN1 = V
V+IN1 = MID-RAIL
V+IN1 = V
+
VS = 5V
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0
9
8
7
6
5
4
3
2
1
10
3
1
2
11 12
5
46
7
6350 G03
10
9
8
VSHDN = V
+
TA = 125°C
TA = 25°C
TA = –40°C
Supply Current vs Temperature
TEMPERATURE (°C)
–60
0
9
8
7
6
5
4
3
2
1
10
60
100
140
–20
20
6350 G04
VS = 3V
VS = 5V
VS = 10V
Supply Current vs SHDN Voltage
SHDN PIN VOLTAGE (V)
0
0
7
6
5
4
3
2
1
8
14
5
2
6350 G05
3
TA = –40°C
TA = 25°C
TA = 125°C
VS = 5V
Supply Current in Shutdown
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0
100
80
60
40
20
120
111 12
34
25
6
7
8
6350 G06
910
VSHDN = V
TA = –40°C
TA = 25°C
TA = 125°C
Turn-On and Turn-Off
Transient Response
5μs/DIV
–3
2
1
0
–1
–2
3
6350 G43
V+ = 2.5V
V= –2.5V
RL = 2k
VSHDN
VOUTDIFF


Similar Part No. - LT6350HMS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6350 LINER-LT6350 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LT6350 LINER-LT6350 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6350 LINER-LT6350 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LT6350 LINER-LT6350 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results

Similar Description - LT6350HMS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
logo
Linear Technology
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LTC6360 LINER-LTC6360_15 Datasheet
524Kb / 24P
   Very Low Noise Single-Ended SAR ADC Driver with True Zero Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com