Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2171IUKG-14TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2171IUKG-14TRPBF
Description  14-Bit, 65Msps/40Msps/25Msps Low Power Quad ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2171IUKG-14TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2171IUKG-14TRPBF Datasheet HTML 7Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 8Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 9Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 10Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 11Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 12Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 13Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 14Page - Linear Technology LTC2171IUKG-14TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2172-14/
LTC2171-14/LTC2170-14
11
21721014f
LTC2172-14: 8k Point FFT, fIN = 30MHz
–1dBFS, 65Msps
LTC2172-14: 8k Point FFT, fIN = 70MHz
–1dBFS, 65Msps
LTC2172-14: 8k Point FFT, fIN = 140MHz
–1dBFS, 65Msps
LTC2172-14: 8k Point 2-Tone FFT,
fIN = 68MHz, 69MHz, –1dBFS,
65Msps
LTC2172-14: Shorted Input
Histogram
LTC2172-14: SNR vs Input
Frequency, –1dBFS, 2V Range,
65Msps
LTC2172-14: Integral
Nonlinearity (INL)
LTC2172-14: Differential
Nonlinearity (DNL)
LTC2172-14: 8k Point FFT, fIN = 5MHz
–1dBFS, 65Msps
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
217214 G03
0
10
20
30
OUTPUT CODE
0
–2.0
–0.5
–1.0
–1.5
0
0.5
1.0
1.5
2.0
4096
8192
12288
16384
217214 G01
OUTPUT CODE
0
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
4096
8192
12288
16384
217214 G02
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
217214 G04
10
20
30
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
217214 G05
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
217214 G06
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
217214 G07
OUTPUT CODE
8197
1000
0
3000
2000
4000
5000
6000
8199
8201
8203
8205
217214 G08
INPUT FREQUENCY (MHz)
0
72
71
70
69
68
67
66
74
73
50
100
150
200
250
300
350
217214 G09


Similar Part No. - LTC2171IUKG-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2171IUKG-12PBF LINER-LTC2171IUKG-12PBF Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/25Msps Low Power Quad ADCs
LTC2171IUKG-12TRPBF LINER-LTC2171IUKG-12TRPBF Datasheet
1Mb / 34P
   12-Bit, 65Msps/40Msps/25Msps Low Power Quad ADCs
More results

Similar Description - LTC2171IUKG-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2171-14 LINER-LTC2171-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2170-14 LINER-LTC2170-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2172-14 LINER-LTC2172-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2265-14 LINER-LTC2265-14 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2263-14 LINER-LTC2263-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-14 LINER-LTC2265-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTM9008-14 LINER-LTM9008-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTC2142-14 LINER-LTC2142-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-14 LINER-LTC2141-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTM9007-14 LINER-LTM9007-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com