Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2355-14 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2355-14
Description  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355-14 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2355-14 Datasheet HTML 4Page - Linear Technology LTC2355-14 Datasheet HTML 5Page - Linear Technology LTC2355-14 Datasheet HTML 6Page - Linear Technology LTC2355-14 Datasheet HTML 7Page - Linear Technology LTC2355-14 Datasheet HTML 8Page - Linear Technology LTC2355-14 Datasheet HTML 9Page - Linear Technology LTC2355-14 Datasheet HTML 10Page - Linear Technology LTC2355-14 Datasheet HTML 11Page - Linear Technology LTC2355-14 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2355-12/LTC2355-14

2355fa
pin Functions
AIN+(Pin1):NoninvertingAnalogInput.AIN+operatesfully
differentially with respect to AIN– with a 0V to 2.5V dif-
ferential swing and a 0V to VDD common mode swing.
AIN– (Pin 2): Inverting Analog Input. AIN– operates fully
differentially with respect to AIN+ with a –2.5V to 0V dif-
ferential swing and a 0V to VDD common mode swing.
VREF (Pin 3): 2.5V Internal Reference. Bypass to GND
and to a solid analog ground plane with a 10µF ceramic
capacitor(or10µFtantaluminparallelwith0.1µFceramic).
Can be overdriven by an external reference between 2.55V
and VDD.
GND (Pins 4, 5, 6, 11): Ground and Exposed Pad. These
ground pins and the exposed pad must be tied directly to
the solid ground plane under the part. Keep in mind that
analog signal currents and digital output signal currents
flow through these pins.
VDD (Pin 7): 3.3V Positive Supply. This single power pin
supplies 3.3V to the entire device. Bypass to GND and to
a solid analog ground plane with a 10µF ceramic capacitor
(or 10µF tantalum in parallel with 0.1µF ceramic). Keep in
mind that internal analog currents and digital output signal
currents flow through this pin. Care should be taken to
place the 0.1µF bypass capacitor as close to Pins 6 and
7 as possible.
SDO (Pin 8): Three-State Serial Data Output. Each set
of output data words represents the difference between
AIN+ and AIN– analog inputs at the start of the previous
conversion.
SCK(Pin9):ExternalClockInput.Advancestheconversion
process and sequences the output data on the rising edge.
Responds to TTL (≤3.3V) and 3.3V CMOS levels. One or
more SCK pulses wakes the ADC from sleep mode.
CONV(Pin10):ConvertStart.Holdstheanaloginputsignal
and starts the conversion on the rising edge. Responds
to TTL (≤3.3V) and 3.3V CMOS levels. Two CONV pulses
with SCK in fixed high or fixed low state start Nap mode.
Four or more CONV pulses with SCK in fixed high or fixed
low state start Sleep mode.
Block Diagram
2355 BD
+
1
2
7
3
4
S & H
GND
EXPOSED PAD
LTC2355-14
VREF
10µF
AIN–
AIN+
14-BIT ADC
3.3V
10µF
14
8
10
9
THREE-
STATE
SERIAL
OUTPUT
PORT
2.5V
REFERENCE
TIMING
LOGIC
VDD
SDO
CONV
SCK
5
6
11


Similar Part No. - LTC2355-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC2355-14 LINER-LTC2355-14 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2355-14 LINER-LTC2355-14 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC2355-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com