Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAC-30-683 Datasheet(PDF) 1 Page - Powerbox

Part # TAC-30-683
Description  AC FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

TAC-30-683 Datasheet(HTML) 1 Page - Powerbox

  TAC-30-683 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
145
TAC
AC FIL TER
Specification
INPUT
Voltage
500Vac, 3 phase
Test voltage
(Terminal-mounting plate)
2kVac (cutoff current = 100mA), 1 minute at room
temperature and humidity.
Isolation resistance
(Terminal-mounting plate)
500Vdc, 100MW minute at room temperature and
humidity.
OUTPUT
Current
See table.
Leakage current
2.5mA/5.0mA max (125/250Vac, 60Hz)
Voltage drop
1.5V max (TAC-04, TAC-06) 1.0V max (TAC-10,
TAC-20, TAC-30)
ENVIRONMENTAL
Safety agency approval
-25°C to 85°C (Refer to derating curve).
Temperature
Operating temperature
-40°C to 85°C (Refer to derating curve).
Storage temperature
-40°C to 85°C
Humidity
20% to 95% RH (Non-condensing)
Vibration
10 to 55Hz, 19.6m/s2 (2G), 3min. Period, 1 hour
each X, Y and Z axis.
Impact
196.1m/s2 (20G), 11ms once each X, Y and Z axis.
STANDARDS
Safety
UL1283, CSA C 22.2 No. 8 (C-UL), DIN EN133200
VDE0565 Teil3-1, ENEC.
Features
Ultra high attenuation type of common mode
noise from 150kHz to 1MHz.
Three Phase 500Vac.
Quick and easy push down terminal.
Din rail installation type (Option).
Ordering Information
1. Model name
2. Rated current
3. Line to ground capacitor code
4. Options
D: Din rail installation type.
CODE
CURRENT
06
6A
10
10A
16
16A
20
20A
30
30A
TAC
-10
-683
_
(1)
(2)
(3)
(4)
CODE
LEAKAGE
CURRENT(INPUT
125/250V 60HZ)
LINE TO GROUND
CAPACITOR(NOMINAL
VALUE)
683
2.5mA / 5.0mA max
68000pF


Similar Part No. - TAC-30-683

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC-20-683-D CDE-TAC-20-683-D Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
TAC-50-103 CDE-TAC-50-103 Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results

Similar Description - TAC-30-683

ManufacturerPart #DatasheetDescription
logo
Powerbox
NAM-10-000 POWERBOX-NAM-10-000 Datasheet
317Kb / 1P
   AC FILTER
NAP-10-000 POWERBOX-NAP-10-000 Datasheet
325Kb / 1P
   AC FILTER
logo
Schurter Inc.
FMW-41 SCHURTER-FMW-41 Datasheet
383Kb / 3P
   AC Filter
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
   AC FILTER
logo
Schurter Inc.
FMW-55 SCHURTER-FMW-55 Datasheet
304Kb / 2P
   AC Filter
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
XF7006-00U2 XFMRS-XF7006-00U2 Datasheet
46Kb / 1P
   AC LINE FILTER
XF5006-00U2 XFMRS-XF5006-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0063-00U2 XFMRS-XF0063-00U2 Datasheet
94Kb / 2P
   AC LINE FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com