Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL2H3KYK Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTL2H3KYK
Description  Property of Lite-On Only
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2H3KYK Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTL2H3KYK Datasheet HTML 2Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 3Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 4Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 5Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 6Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 7Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 8Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 9Page - Lite-On Technology Corporation LTL2H3KYK Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Suggested checking list :
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or
conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DSL?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe
workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part No. : LTL2H3KYK
Page :
9
of
10
BNS-OD-C131/A4


Similar Part No. - LTL2H3KYK

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2H3KEK LITEON-LTL2H3KEK Datasheet
144Kb / 4P
   Property of Lite-On Only
LTL2H3KFK LITEON-LTL2H3KFK Datasheet
143Kb / 4P
   Property of Lite-On Only
LTL2H3KGKNN LITEON-LTL2H3KGKNN Datasheet
582Kb / 10P
   Property of Lite-On Only
LTL2H3KHK LITEON-LTL2H3KHK Datasheet
143Kb / 4P
   Property of Lite-On Only
LTL2H3KRK LITEON-LTL2H3KRK Datasheet
324Kb / 5P
   Through Hole Lamp
More results

Similar Description - LTL2H3KYK

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com