Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q20-5 Datasheet(PDF) 1 Page - Powerbox

Part # Q20-5
Description  0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

Q20-5 Datasheet(HTML) 1 Page - Powerbox

  Q20-5 Datasheet HTML 1Page - Powerbox Q20-5 Datasheet HTML 2Page - Powerbox Q20-5 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Your dependable power partner – www.powerbox.com.au
207
Q Series
0.5
W A TTS-100-10KV
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
Ultra-miniature case size
No external components required
Low ripple and EMI/RFI
Proportional input/output
Input/output isolation
Short circuit protection
Specifications
INPUT
Voltage
0-5, 12 or 24VDC.
Typical turn-on voltage
0.7V
OUTPUT
Power
0.5W
Voltage tolerance
+5%, –10% typical at full load.
Isolation
500V +V out.
ENVIRONMENTAL
Operating temperature
–25°C to +70°C (Q30-Q101: –10°C to +60°C.)
Storage temperature
–55°C to +105°C.
GENERAL
Dimensions
Case A&B: 12.7 x 12.7 x 12.7 mm.
Case C: 21.59 x 21.59 x 21.59 mm.
Weight
Case A&B: 4.25g. Case C: 28.3g.
Packaging
Fully encapsulated.
Case material
Glass-filled Epoxy.
STANDARDS
Safety standard
The Q Series is a component DC to HV DC
converter, not a power supply. It operates from
a low voltage DC and is fully encapsulated. For
applications requiring safety approval, the Q
Series should be considered a component not
requiring individual certification.
CASE A & B
PIN#
FUNCTION
QXX
QXXN
1
Input
(–)
(–)
2
Input
(+)
(+)
3
Output
(+)
(–)
4
Output
(–)
(+)
CASE C
WIRE
COLOR
FUNCTION
QXX
QXXN
W1
Red
Input
(+)
(+)
W2
Black
Input
(–)
(–)
W3
Brn
Output
(+)
(–)
W4
Vio
Output
(–)
(+)
Selection Tables


Similar Part No. - Q20-5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
Q20 XPPOWER-Q20 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Banner Engineering Corp...
Q20 BANNER-Q20 Datasheet
476Kb / 8P
   Q20 Series Sensor
logo
Jauch Quartz Gmbh
Q20.0-JO22H-D-1.8-1 JAUCH-Q20.0-JO22H-D-1.8-1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
Q20.0-JO22H-D-1.8-1-T1 JAUCH-Q20.0-JO22H-D-1.8-1-T1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
Q20.0-JO22H-E-1.8-1 JAUCH-Q20.0-JO22H-E-1.8-1 Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
More results

Similar Description - Q20-5

ManufacturerPart #DatasheetDescription
logo
Powerbox
C01 POWERBOX-C01 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
   3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
   15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com