Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q05-5 Datasheet(PDF) 2 Page - Powerbox

Part # Q05-5
Description  0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

Q05-5 Datasheet(HTML) 2 Page - Powerbox

  Q05-5 Datasheet HTML 1Page - Powerbox Q05-5 Datasheet HTML 2Page - Powerbox Q05-5 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
208
Q Series
0.5
W A TTS-100-10KV
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
MODEL
INPUT
VOLTAGE
OUTPUT*2
VOLTAGE
OUTPUT*1
CURRENT
INPUT CURRENT
FULL LOAD
TYPICAL
FREQUENCY
CASE
RIPPLE P-P
NO LOAD
Q01-5
0 to 5V
0 to +/-100V
5 mA
<1.00%
<50mA
<175mA
100-200kHz
A
Q01-12
0 to 12V
0 to +/-100V
5 mA
<1.00%
<15mA
<100mA
100-200kHz
A
Q01-24
0 to 24V
0 to +/-100V
5 mA
<1.00%
<10mA
<50mAv
100-200kHz
A
Q02-5
0 to 5V
0 to +/-200V
2.5 mA
<0.25%
<50mA
<175mA
200-350kHz
A
Q02-12
0 to 12V
0 to +/-200V
2.5 mA
<0.25%
<15mA
<75mA
200-350kHz
A
Q02-24
0 to 24V
0 to +/-200V
2.5 mA
<0.25%
<10mA
<50mA
200-350kHz
A
Q03-5
0 to 5V
0 to +/-300V
1.6 mA
<0.25%
<50mA
<175mA
125-300kHz
A
Q03-12
0 to 12V
0 to +/-300V
1.6 mA
<0.25%
<15mA
<100mA
125-300kHz
A
Q03-24
0 to 24V
0 to +/-300V
1.6 mA
<0.10%
<10mA
<50mA
125-300kHz
A
Q04-5
0 to 5V
0 to +/-400V
1.25 mA
<0.05%
<50mA
<175mA
200-350kHz
A
Q04-12
0 to 12V
0 to +/-400V
1.25 mA
<0.05%
<15mA
<100mA
200-350kHz
A
Q04-24
0 to 24V
0 to +/-400V
1.25 mA
<0.05%
<10mA
<50mA
200-350kHz
A
Q05-5
0 to 5V
0 to +/-500V
1 mA
<0.10%
<50mA
<200mA
175-350kHz
A
Q05-12
0 to 12V
0 to +/-500V
1 mA
<0.05%
<15mA
<100mA
175-350kHz
A
Q05-24
0 to 24V
0 to +/-500V
1 mA
<0.125%
<10mA
<50mA
200-350kHz
A
Q06-5
0 to 5V
0 to +/-600V
0.8 mA
<0.10%
<50mA
<200mA
150-275kHz
A
Q06-12
0 to 12V
0 to +/-600V
0.8 mA
<0.10%
<20mA
<100mA
175-350kHz
A
Q06-24
0 to 24V
0 to +/-600V
0.8 mA
<0.10%
<10mA
<50mA
150-275kHz
A
Q07-5
0 to 5V
0 to +/-700V
0.7 mA
<0.10%
<50mA
<175mA
150-275kHz
A
Q07-12
0 to 12V
0 to +/-700V
0.7 mA
<0.10%
<15mA
<100mA
150-275kHz
A
Q07-24
0 to 24V
0 to +/-700V
0.7 mA
<0.25%
<10mA
<50mA
75-175kHz
A
Q08-5
0 to 5V
0 to +/-800V
0.625 mA
<0.30%
<50mA
<175mA
200-350kHz
A
Q08-12
0 to 12V
0 to +/-800V
0.625 mA
<0.30%
<20mA
<100mA
100-200kHz
A
Q08-24
0 to 24V
0 to +/-800V
0.625 mA
<0.25%
<10mA
<50mA
100-200kHz
A
Q09-5
0 to 5V
0 to +/-900V
0.555 mA
<0.30%
<50mA
<175mA
125-300kHz
A
Q09-12
0 to 12V
0 to +/-900V
0.555 mA
<0.25%
<20mA
<100mA
125-300kHz
A
Q09-24
0 to 24V
0 to +/-900V
0.555 mA
<0.30%
<10mA
<50mA
125-300kHz
A
Q10-5
0 to 5V
0 to 1,000V
0.5 mA
<0.25%
<50mA
<175mA
400-500kHz
A
Q10-12
0 to 12V
0 to 1,000V
0.5 mA
<0.25%
<15mA
<100mA
125-300kHz
A
Q10-24
0 to 24V
0 to 1,000V
0.5 mA
<0.25%
<10mA
<50mA
125-300kHz
A
Q10N-5
0 to 5V
0 to -1,000V
0.5 mA
<0.25%
<50mA
<175mA
125-300kHz
A
Q10N-12
0 to 12V
0 to -1,000V
0.5 mA
<0.25%
<15mA
<100mA
125-300kHz
A
Q10N-24
0 to 24V
0 to -1,000V
0.5 mA
<0.25%
<10mA
<50mA
125-300kHz
A
Q12-5
0 to 5V
0 to 1,200V
0.4 mA
<0.25%
<50mA
<175mA
150-250kHz
A
Q12N-5
0 to 5V
0 to -1,200V
0.4 mA
<0.25%
<50mA
<175mA
150-250kHz
A
Q15-5
0 to 5V
0 to 1,500V
0.3 mA
<0.25%
<75mA
<175mA
125-350kHz
A
Q15N-5
0 to 5V
0 to -1,500V
0.3 mA
<0.25%
<75mA
<200mA
125-350kHz
A
Q20-5
0 to 5V
0 to 2,000V
0.25 mA
<0.25%
<100mA
<200mA
150-350kHz
A
Q20N-5
0 to 5V
0 to -2,000V
0.25 mA
<0.25%
<100mA
<200mA
150-350kHz
A
Q30-5
0 to 5V
0 to 3,000V
0.16mA
<0.50%
<100mA
<200mA
100-225kHz
A
Q30N-5
0 to 5V
0 to -3,000V
0.16mA
<0.50%
<100mA
<200mA
125-275kHz
B
Q40-5
0 to 5V
0 to 4000V
0.125mA
<0.50%
<175mA
<300mA
125-275kHz
B
Q40N-5
0 to 5V
0 to -4000V
0.125mA
<0.50%
<175mA
<300mA
125-275kHz
B
Q50-5
0 to 5V
0 to 5000V
0.100mA
<0.50%
<250mA
<400mA
200-350kHz
B
Q50N-5
0 to 5V
0 to -5000V
0.100mA
<0.50%
<250mA
<400mA
200-350kHz
B
Q60-5
0 to 5V
0 to 6000V
83µA
<1.00%
<175mA
<250mA
50-100kHz
B
Q60N-5
0 to 5V
0 to -6000V
83µA
<1.00%
<175mA
<250mA
50-100kHz
C
Q80-5 0
to 5V
0 to 8000V
62.5µA
<1.00%
<175mA
<250mA
50-100kHz
C
Q80N-5
0 to 5V
0 to -8000V
62.5µA
<1.00%
<175mA
<250mA
50-100kHz
C
Q101-5
0 to 5V
0 to 10,000V
50µA
<1.00%
<175mA
<250mA
50-75kHz
C
Q101N-5
0 to 5V
0 to -10,000V
50µA
<1.00%
<175mA
<250mA
50-75kHz
C
* Note: - 1. At Maximum Rated Output Voltage. 2. Output Voltage is load dependent.


Similar Part No. - Q05-5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
Q05 XPPOWER-Q05 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - Q05-5

ManufacturerPart #DatasheetDescription
logo
Powerbox
C01 POWERBOX-C01 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
   3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
   15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com