Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUP110-40 Datasheet(PDF) 2 Page - Powerbox

Part # PUP110-40
Description  30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PUP110-40 Datasheet(HTML) 2 Page - Powerbox

  PUP110-40 Datasheet HTML 1Page - Powerbox PUP110-40 Datasheet HTML 2Page - Powerbox PUP110-40 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
264
MAX.
MODEL
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL VNOM IMIN IMAX IPEAK TOL VNOM
IMIN IMAX TOL
VNOM
IMIN
IMAX
TOL
POWER
PUP30-10
5–6V
0A
5.0A
5%
24W
PUP30-10-1
6–8V
0A
4.5A
2%
27W
PUP30-11
9–11V
0A
3.3A
2%
30W
PUP30-12
11–13V
0A
2.7A
2%
30W
PUP30-13
13–17V
0A
2.3A
2%
30W
PUP30-13-1
17–21V
0A
1.7A
2%
30W
PUP30-14
21–27V
0A
1.4A
2%
30W
PUP30-16
27–33V
0A
1.1A
2%
30W
PUP30-17
33–39V
0A
0.9A
2%
30W
PUP30-18
48V
0A
0.7A
2%
30W
PUP30-23
+5V
0.3A
3.0A
5%
+12V
0.1A
2.0A
5%
30W
PUP30-24
+5V
0.3A
3.0A
5%
+15V
0.1A
1.5A
5%
30W
PUP30-25
+5V
0.3A
3.0A
5%
+24V
0.1A
1.0A
5%
30W
PUP30-31
+5V
0.3A
3.0A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
30W
PUP30-32
+5V
0.3A
3.0A
5%
+15V
0A
0.8A
5%
-15V
0A
0.8A
5%
30W
PUP55-10
5–6V
0A
8A
5%
40W
PUP55-10-1
6–8V
0A
7.5A
5%
45W
PUP55-11
9–11V
0A
5A
5%
50W
PUP55-12
11–13V
0A
4.6A
5%
55W
PUP55-13
13–17V
0A
3.7A
3%
55W
PUP55-13-1
17–21V
0A
3.1A
3%
55W
PUP55-14
21–27V
0A
2.3A
3%
55W
PUP55-16
27–33V
0A
1.9A
3%
55W
PUP55-17
33–39V
0A
1.6A
3%
55W
PUP55-18
48V
0A
1.2A
3%
55W
PUP55-23
+5V
1A
5A
5%
+12V
0.5A
3A
5%
55W
PUP55-24
+5V
1A
5A
5%
+15V
0.4A
2.5A
5%
55W
PUP55-25
+5V
1A
5A
5%
+24V
0.3A
2A
5%
55W
PUP55-31
+5V
1A
5A
5%
+12V
0.5A
3A
5%
-12V
0.1A
0.5A
10%
55W
PUP55-32
+5V
1A
5A
5%
+15V
0.4A
2.5A
5%
-15V
0.1A
0.5A
10%
55W
PUP110-10
5V
0A
22A
5%
110W
PUP110-12
12V
0A
9.0A
4%
110W
PUP110-13
15V
0A
7.5A
3%
110W
PUP110-14
24V
0A
4.5A
3%
110W
PUP110-16
30V
0A
3.6A
3%
110W
PUP110-18
48V
0A
2.3A
3%
110W
PUP110-23
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
110W
PUP110-31
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
110W
PUP110-32
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
110W
PUP110-40
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
-5V
0A
1A
5%
110W
PUP110-41
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
+24V
0A
1A
5%
110W
PUP110-42
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+12V
0A
1A
5%
110W
PUP110-45
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+24V
0A
1A
5%
110W
PUP110-45-1
+5V
2A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+24V
1.5A
3A
10%
110W
PUP110-45-2
+5V
0A
10A
5%
+24V
0A
3A
5.0A
5%
-12V
0A
1A
5%
+12V
0A
1A
5%
110W
PUP110-46
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
-5V
0A
1A
5%
110W
NOTES:
(1) PUP110 units: peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
(2) The output #1 of model PUP110-45-1 needs a minimum current of 2A to support the other outputs at their maximum rated loads.
PUP 30-110
30-110
W A TTS
SINGLE& MUL TIPLE OUTPUT AC/DC GENERAL
Selection Table


Similar Part No. - PUP110-40

ManufacturerPart #DatasheetDescription
logo
Powerbox
PUP120 POWERBOX-PUP120 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP120-12 POWERBOX-PUP120-12 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP120-13 POWERBOX-PUP120-13 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP120-13-1 POWERBOX-PUP120-13-1 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP120-13-2 POWERBOX-PUP120-13-2 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
More results

Similar Description - PUP110-40

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
   30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
TR100 POWERBOX-TR100 Datasheet
386Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
logo
Powerbox
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
   200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
   72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
   650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com