Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC800220-48 Datasheet(PDF) 1 Page - Powerbox

Part # PSC800220-48
Description  250 - 800 WATTS DC/DC SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC800220-48 Datasheet(HTML) 1 Page - Powerbox

  PSC800220-48 Datasheet HTML 1Page - Powerbox PSC800220-48 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
422
Features
Single outputs from 5Vdc to 125Vdc.
Conformal coating.
Under voltage alarm.
High efficiency.
Operating temperature range -25°C to +70°C with
no derating.
Fully encapsulated, IP30 as standard.
Convection cooled.
ENVIRONMENTAL
Operating temperature
-25°C to 70°C
(100% load, single output >10Vdc).
-25°C to +55°C
(100% load, single output <10Vdc).
Temperature coefficient
0.02%/°C.
Storage temperature
-40°C to 85°C.
GENERAL
Cooling
Convectional cooling.
Optional Features
-Built in series diode – C.
-Remote sense – S.
-Inrush current limit. On input code 24 and 48
the inrush limit circuit is optional. This option
affects the input voltage range. The circuit is
always active thus acting at voltage dips below
the stop level > 10ms.
-2.5kVac isolation input/case –E1.On the 24
and 48 inputs.The emission level increases to level
A.
-2.5kVac isolation output/case
-E2.The emission level increases to level A.
-Euro panel –L,10TE OR 14TE
-Wall mounting panels –N. Included H15
connector holder. Standard female Connector
H15-T. To mount on a DIN TS-35 rail, we can
supply optional DIN rail clips.
-Wider input range The PSC600 series can be
supplied with wide input range to meet train or
mobile application demands.
STANDARDS
Safety
IEC60950
EMI standards
EN55011/EN55022 class B, EN61000-6-3
C-Tick
AS/NZS CISPR11: 2002 Group1 Class A
EMC standards
EN61000-6-2, EN/IEC61000-4-4, EN61000-4-5
T-input range for mobile application
Uin 0.1s-S2
Continuous range
Code
14.4-33.6V
16.8-30V
24T
21.6-50.4V
25.2-45V
36T
28.8-67.2V
33.6-60V
48T
43.2-110.8V
50.4-90V
72T
66-154V
77-137.5V
110T
Specifications
INPUT
Voltage
See Table
Isolation
Input - Output: 2.5kVac / 4kVdc
Input – Case: 2.5kVac / 4kVdc
Output– Case, all outputs: 2kVdc
Reverse input voltage
protection
Parallel diode (Input code: 24, 48)
Series diode (Input code: 110, 220)
OUTPUT
Voltage
See table.
Current
See table.
Source regulation
0.2%.
Load regulation
0.2%.
Output ripple (50kHz)
20mV p-p typ.
Input ripple attenuation on
output 50 to 400Hz
150:1
Voltage adjustment
90% - 110%.
Current limit protection
105%.
Overvoltage protection
115%.
Under voltage alarm
90% of nominal output.
Remote sense
Option S.
Soft start
Yes.
Start-up time
1s
Hold-up time
2-25ms
Efficiency
80 - 93%
Switching Frequency
50 kHz
PSC 600 Series
250-800W A TTS
DC/DC
SINGLE
OUTPUT
Selection Table
The total output power can be derated on a T-range compared with the above
output rating table. Input according to EN50155:2001 and IEC90571:1998
Note:
For mechanical dimensions and mounting options please contact Powerbox for
further details.


Similar Part No. - PSC800220-48

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
   Spiral Chip Inductor
Revision: 14-Mar-08
logo
DDK Ltd.
PSC DDK-PSC Datasheet
199Kb / 3P
   SMB Connector
logo
Mini-Circuits
PSC-10-1 MINI-PSC-10-1 Datasheet
201Kb / 1P
   Power Splitter/Combiner
PSC-10-1++ MINI-PSC-10-1+ Datasheet
201Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - PSC800220-48

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
C500 POWERBOX-C500 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Integrated Power Design...
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
PB261 POWERBOX-PB261 Datasheet
408Kb / 2P
   200-500 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
logo
Powerbox
PBIH-1205F POWERBOX-PBIH-1205F Datasheet
662Kb / 3P
   15-150 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com