Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUP120-18 Datasheet(PDF) 1 Page - Powerbox

Part # PUP120-18
Description  120 WATTS SINGLE OUTPUT AC/DC GENERAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PUP120-18 Datasheet(HTML) 1 Page - Powerbox

  PUP120-18 Datasheet HTML 1Page - Powerbox PUP120-18 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
266
PUP 120 Series
120 W A TTS SINGLE OUTPUT AC/DC GENERAL
Features
• High Efficiency.
• Low ripple and noise.
• Short circuit protection.
• Overvoltage protection.
• Over power protection.
• Over temperature protection.
• 100% burn-in at full rated load.
• Standby consumption less than 0.75W.
MEPS compliance.
Specifications
INPUT
Input voltage
90-264Vac.
Frequency
47Hz–63Hz
Input current
1.60A @ 115V, 0.8A @ 230V
Leakage current
0.4mA max. @ 115Vac. 60Hz.
0.8mA max. @ 230Vac. 50Hz.
Isolation
Input – Output: 3000Vac
Input – Ground: 1500Vac
Output – Ground: 500Vac
Inrush current
60A @ 115V, 120A @ 230V
OUTPUT
Output voltage
See table
Output current
See table
Ripple & noise
1% peak to peak
Line regulation
±0.5% maximum at full load.
Load regulation
See table
Transient response
Max. deviation 4% recovering to 1% within
500µs after 25% load charge
Overvoltage protection
Provided on V1 only. Set at 110%–140% of
nominal.
Overcurrent protection
All outputs protected for short circuit conditions
Temperature coefficient
All outputs ±0.04% per °C.
Holdup time
Typically 15ms at 110VAC.
OPERATING
MTBF
100,000 hrs @ 25°C.
Efficiency
80-86% minimum.
Power factor
0.98 typical at 115Vac.
ENVIRONMENTAL
Operating temperature
0°C to 40°C.
Storage temperature
-20°C to 85°C
Relative humidity
10%–95% non-condensing
STANDARDS AND APPROVALS
Safety
UL60950-1, CSA C22.2 No. 60950, Nemko
EN60950: 2000.
C-Tick
AS/NZS CISPR11 Group 1 Class A
EMC standards
EN55024, EN55022-B, FCC-B, VCCI-B, EN61000-3-
2, -3, EN61000-4-2, -3, -4, -5, -6, -8, -11.
MECHANICAL
Dimensions
167x65x37mm
Weight
0.62kgs approx.


Similar Part No. - PUP120-18

ManufacturerPart #DatasheetDescription
logo
Powerbox
PUP110-10 POWERBOX-PUP110-10 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-12 POWERBOX-PUP110-12 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-13 POWERBOX-PUP110-13 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-14 POWERBOX-PUP110-14 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-16 POWERBOX-PUP110-16 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
More results

Similar Description - PUP120-18

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
   120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
logo
Powerbox
TR36 POWERBOX-TR36 Datasheet
278Kb / 1P
   36 WATTS SINGLE OUTPUT AC/DC GENERAL
TR45 POWERBOX-TR45 Datasheet
593Kb / 1P
   45 WATTS SINGLE OUTPUT AC/DC GENERAL
TR20B033-21A11 POWERBOX-TR20B033-21A11 Datasheet
414Kb / 1P
   20 WATTS SINGLE OUTPUT AC/DC GENERAL
TR100 POWERBOX-TR100 Datasheet
386Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC GENERAL
PBN3C-12S POWERBOX-PBN3C-12S Datasheet
555Kb / 1P
   270 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP150 POWERBOX-PUP150 Datasheet
435Kb / 2P
   150 WATTS SINGLE OUTPUT AC/DC GENERAL
TR70 POWERBOX-TR70 Datasheet
614Kb / 1P
   70 WATTS SINGLE OUTPUT AC/DC GENERAL
PMP120 POWERBOX-PMP120 Datasheet
574Kb / 2P
   96 - 120 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
PUP30 POWERBOX-PUP30 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com