Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU300C48 Datasheet(PDF) 1 Page - Powerbox

Part # PU300C48
Description  216 - 500 WATTS DC/DC SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PU300C48 Datasheet(HTML) 1 Page - Powerbox

  PU300C48 Datasheet HTML 1Page - Powerbox PU300C48 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
135
PU300-PU500
216-500 W A TTS DC/DC SINGLE
Features
Over/under voltage alarm
Convection cooled
High efficiency
Overvoltage and over current protection
Operating temperature range -25°C to 55°C
Reverse input voltage protection
Extra output with series diode
ENVIRONMENTAL
Operating Temperature
Range at 100% load: -25°C to +55°C
Conduction Cooling
With derating: -25°C to +70°C
Storage Temperature Range
-40°C to +85°C
STANDARDS AND APPROVALS
Safety standards
IEC950, EN60950, CE LVD 73/23/EEC
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN/IEC 61000-6-2,
EN/IEC 61000-4-2,
EN/IEC 61000-4-3,
EN/IEC 61000-4-4,
EN/IEC 61000-4-5,
EN/IEC 61000-4-6
EMI standards
EN/IEC 61000-6-3
EN55011/EN55022 Level B
MECHANICAL
Dimensions (HxWxD)
86x210x232mm
Weight
4.2kg
Mounting brackets
Please consult Powerbox for mounting
options
Specification
INPUT
Input ranges
PU300: 10–30V (A), 20–60V (B), 50–150V (C),
90–270VDC (D)
PU500: 18–32V(24), 38–60V (48), 88–150V
(110), 175–300VDC (220)
Reverse input voltage protection Parallel diode, Code (A) (B) (24) (48)
Series diode, Code (C) (D) (110) (220)
OUTPUT
Output voltages
See table
Min. output adjustment range
with 15 turn potentiometer
95%–110%
Typ. output ripple (80kHz)
V pk-pk
15mV
Source regulation
0.1%
Load regulation (0–100%
load) master
0.2%
Temperature coefficient
0.02% per °C
Current limit, rectangular
105%
Remote sense
Yes
Transient recovery time for
10% to 90%
<3mS. Load step to within 3% of nominal
output voltage
Soft start
Yes
Startup time, type
1 sec
Holdup time
2–25mS. Contact Powerbox
OPERATING
Efficiency
PU300: 77%–88%, PU500: 88%–91%
Design topology
Push-pull
Switching frequency
40kHz
ISOLATION TESTABLE LEVELS
Input/output: Input code
(A)(B)(24)(48)
(C)(D)(110)(220)
Input/case: Input code
(A)(B)(24)(48)
(C)(D)(110)(220)
2KVdc
4KVdc
2KVdc
4KVdc
Output/Case All Outputs
2kVDC


Similar Part No. - PU300C48

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PU3006B YHDC-PU3006B Datasheet
1Mb / 1P
   PU series flat type isolation transformer
PU3009B YHDC-PU3009B Datasheet
929Kb / 1P
   PU series flat type isolation transformer
More results

Similar Description - PU300C48

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB261 POWERBOX-PB261 Datasheet
408Kb / 2P
   200-500 WATTS DC/DC SINGLE OUTPUT
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
   AC-DC Power Supplies 500 Watts
logo
Powerbox
PBMPLS-12U POWERBOX-PBMPLS-12U Datasheet
660Kb / 2P
   500-7000 WATTS DC/AC INVERTER
PBMPLS-12U-RM POWERBOX-PBMPLS-12U-RM Datasheet
358Kb / 2P
   500-5000 WATTS DC/AC INVERTER
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com