Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM240220-24 Datasheet(PDF) 1 Page - Powerbox

Part # PM240220-24
Description  120 - 240 WATTS DC/DC SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM240220-24 Datasheet(HTML) 1 Page - Powerbox

  PM240220-24 Datasheet HTML 1Page - Powerbox PM240220-24 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
131
PM150-PM240
120-240 W A TTS DC/DC SINGLE
Features
Very wide input range
Reverse input voltage protection
High operating temperature
EMI/RFI meets EN55022-B
Safety IEC60950, EN60950
Operating temperature -25 to +55
OC
Specifications
INPUT
Input voltage
12V, 24V, 36V, 48V, 110V, 220V. See table
Input current
See table
Reverse polarity protection Yes
Inrush current limit
Available as option. Add suffix “N” to model
number
Soft start
Yes
OUTPUT
Output voltage
See table
Voltage adjustment
-5% to +10%
Output current
See table
Ripple & noise
15–30mV pk-pk typical
Line regulation
0.1%
Load regulation
0.3%, 0%–100% load
Temperature coefficient
0.02% per °C
Overcurrent protection
Yes
Overvoltage protection
Yes
No load power
9W
Transient response
<1mS for 10/90% load step to within 3% of
nominal
OPERATING
Efficiency
PM150: 80%–88%, PM240: 88%–91%
Switching frequency
30kHz
Safety isolation
Input/Output/Case: 2.5kVAC
Alarm facilities
Contacts for undervoltage, overvoltage
Indicators
DC on LED
Series operation
Yes
Parallel operation
Yes
Series diode
Provided as standard on output
ENVIRONMENTAL
Operating temperature
-25°C to 55°C
Storage temperature
-40°C to 85°C
Cooling
Convection
STANDARDS AND APPROVALS
Safety standards
IEC60950, EN60950, EN/IEC61204-3
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN1000-6-1-2
EN/IEC61000-4-2
EN/IEC61000-4-3
EN/IEC61000-4-4
EN/IEC61000-4-5
EN/IEC61000-4-6
EMI standards
EN61000-6-3,EN61000-6-4,
EN55011/EN55022 Level B
MECHANICAL
Dimensions
PM150 & PM240: 88x214x160mm
Weight
2.5kg
Conformal coating
Available as option. Add suffix “I”
Mounting brackets
Please consult Powerbox for mounting options


Similar Part No. - PM240220-24

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM240 PURDY-PM240 Datasheet
165Kb / 1P
   AC Fans and Blowers
PM240-24D-1751B-2TP PURDY-PM240-24D-1751B-2TP Datasheet
165Kb / 1P
   AC Fans and Blowers
More results

Similar Description - PM240220-24

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PUP120 POWERBOX-PUP120 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
   120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
logo
Powerbox
PSC240ACR15 POWERBOX-PSC240ACR15 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
PC2000 POWERBOX-PC2000 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com