Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSE100C5 Datasheet(PDF) 2 Page - Powerbox

Part # PSE100C5
Description  60 - 100 WATTS DC/DC SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSE100C5 Datasheet(HTML) 2 Page - Powerbox

  PSE100C5 Datasheet HTML 1Page - Powerbox PSE100C5 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
412
PSE100 Series
60-100
W A TTS
DC/DC
SINGLE
OUTPUT
MODEL
NUMBER
INPUT
OUTPUT
COOLING
POWER
PSE100A5
10-30V
5V
20A
Convection
60W
PSE100A13.2
10-30V
13.2V
7.6A
Convection
100W
PSE100A15
10-30V
15V
6.7A
Convection
100W
PSE100A24
10-30V
24V
4.2A
Convection
100W
PSE100A48
10-30V
48V
2.1A
Convection
100W
PSE100B5
20-72V
5V
20A
Convection
100W
PSE100B13.2
20-72V
13.2V
7.6A
Convection
60W
PSE100B15
20-72V
15V
6.7A
Convection
100W
PSE100B24
20-72V
24V
4.2A
Convection
100W
PSE100B48
20-72V
48V
2.1A
Convection
100W
PSE100C5
50-150V
5V
20A
Convection
60W
PSE100C13.2
50-150V
13.2V
7.6A
Convection
100W
PSE100C15
50-150V
15V
6.7A
Convection
100W
PSE100C24
50-150V
24V
4.2A
Convection
100W
PSE100C48
50-150V
48V
2.1A
Convection
100W
PSE100D5
90-270V
5V
20A
Convection
60W
PSE100D13.2
90-270V
13.2V
7.6A
Convection
100W
PSE100D15
90-270V
15V
6.7A
Convection
100W
PSE100D24
90-270V
24V
4.2A
Convection
100W
PSE100D48
90-270V
48V
2.1A
Convection
100W
Selection Table
Technical Illustrations


Similar Part No. - PSE100C5

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PSE1000-PFC EMERSON-NETWORKPOWER-PSE1000-PFC Datasheet
493Kb / 4P
   1000 W output power
logo
Artesyn Technologies
PSE1000PFC ARTESYN-PSE1000PFC Datasheet
493Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - PSE100C5

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB271 POWERBOX-PB271 Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
logo
Wall Industries,Inc.
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
   100 Watts Isolated DC/DC Converter Single Output
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
logo
Powerbox
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
C01 POWERBOX-C01 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
PBJE45-10 POWERBOX-PBJE45-10 Datasheet
721Kb / 4P
   45-100 WATTS DC/DC SINGLE DUAL & TRIPLE OUTPUT
Q01-5 POWERBOX-Q01-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
PBSE5125 POWERBOX-PBSE5125 Datasheet
663Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC MEDICAL
TR100 POWERBOX-TR100 Datasheet
386Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC GENERAL
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com