Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25012-48 Datasheet(PDF) 1 Page - Powerbox

Part # PM25012-48
Description  187 - 250 WATTS DC/DC SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM25012-48 Datasheet(HTML) 1 Page - Powerbox

  PM25012-48 Datasheet HTML 1Page - Powerbox PM25012-48 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
133
PM250
187-250 W A TTS DC/DC SINGLE
Features
Overvoltage protection, (OVP).
Over/under voltage alarm output via relay.
Extra output via series diode.
Output voltage adjustable from front panel.
Meets IP20 as standard.
Operating temperature -25 to +55
OC
Low ripple and noise.
Specifications
INPUT
Voltage
12V, 24V, 48V, 110V, 220V
Isolation
Input - Output: 2.5kVac / 4kVdc
Input – Case: 2.5kVac / 4kVdc
Output– Case: 2.5kVac / 4kVdc
Input – Alarm: 2.5kVac / 4kVdc
Output – Alarm: 2.5kVac / 4kVdc
Case – Alarm: 2.5kVac / 4kVdc
OUTPUT
Voltage
See table.
Current
See table.
Source regulation
0.1%.
Load regulation
0.3%.
Output ripple (60kHz)
30mV p-p
Voltage adjustment
95% - 110%.
Current limit protection
105%.
Overvoltage protection
115%.
Over/under voltage alarm
90%-115% of nominal output.
Remote sense
No.
Soft start
Yes.
Start-up time
<1s
Hold-up time
2-25ms
Efficiency
>80%
ENVIRONMENTAL
Operating temperature
-25°C to 55°C (100% load). -25°C to +70°C (with
derating), contact Powerbox for details.
Temperature coefficient
0.02%.
Storage temperature
-40°C to 85°C.
GENERAL
Cooling
Convectional cooling.
Optional Features
-Conformally coating, option I. For environment
with high non-condensing humidity max 98% RH.
-EN/IEC61000-4-5 level 4.
External varistor + surge arrestor mounted from
pole to ground. With this filter the input meets
Level 4 of EN/IEC61000-4-5 (+/-2kV line to line,
4kV line to ground)
-Train input, option T.
Input voltage range according to train
Standard EN50155 and IEC 60751.
Mounting brackets
Please consult Powerbox for mounting options
STANDARDS
Safety standards
IEC 60950, EN/IEC 61204-3
C-tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN/IEC 61000-6-2
EN/IEC 61000-4-2
EN/IEC 61000-4-3
EN/IEC 61000-4-4
EN/IEC 61000-4-5
EN/IEC 61000-4-6
EMI standards
EN/IEC 61000-6-3, EN55011/EN55022
(0.15-30mHz) Level B (30-1000mHz) Level A


Similar Part No. - PM25012-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2503 ETC-PM2503 Datasheet
625Kb / 4P
   RFIC OSCILLATOR 2000 TO 3000 MHZ OPERATION
More results

Similar Description - PM25012-48

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
PSC600 POWERBOX-PSC600 Datasheet
315Kb / 2P
   250 - 800 WATTS DC/DC SINGLE OUTPUT
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
PC2000 POWERBOX-PC2000 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
PU300 POWERBOX-PU300 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
C500 POWERBOX-C500 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com