Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM650-12 Datasheet(PDF) 2 Page - Powerbox

Part # PM650-12
Description  650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM650-12 Datasheet(HTML) 2 Page - Powerbox

  PM650-12 Datasheet HTML 1Page - Powerbox PM650-12 Datasheet HTML 2Page - Powerbox PM650-12 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
354
PM650 Series
650-700 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
Selection Table
MAX.
MODEL
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
POWER
PM650-12
12V
0A
54.2A
2%
650W
PM650-13
15V
0A
43.4A
2%
650W
PM650-14
24V
0A
27.1A
2%
650W
PM650-15
27V
0A
24.1A
2%
650W
PM650-16
30V
0A
21.7A
2%
650W
PM650-18
48V
0A
14.9A
2%
700W
PM650-20
24V
1.5A
18A
3%
12V
1.2A
22A
5%
650W
PM650-21
24V
1.5A
18A
2%
15V
1.0A
18A
5%
650W
PM650-22
48V
0.75A
9A
2%
24V
0.6A
12A
5%
650W
PM650-23
48V
0.75A
9A
2%
12V
1.2A
22A
5%
650W
PM650-24
48V
0.75A
9A
2%
15V
1.0A
18A
5%
650W
PM650-30
24V
1.5A
18A
2%
12V
1.2A
22A
5%
3.3V
0A
10A
3%
650W
PM650-31
24V
1.5A
18A
3%
15V
1.0A
18A
5%
3.3V
0A
10A
3%
650W
PM650-32
24V
1.5A
18A
2%
12V
1.2A
22A
5%
5.1V
0A
10A
3%
650W
PM650-33
24V
1.5A
18A
2%
15V
1.0A
18A
5%
5.1V
0A
10A
3%
650W
PM650-34
48V
0.75A
9A
2%
12V
1.2A
22A
5%
3.3V
0A
10A
3%
650W
PM650-35
48V
0.75A
9A
2%
15V
1.0A
18A
5%
3.3V
0A
10A
3%
650W
PM650-36
48V
0.75A
9A
2%
12V
1.2A
22A
5%
5.1V
0A
10A
3%
650W
PM650-37
48V
0.75A
9A
2%
15V
1.0A
18A
5%
5.1V
0A
10A
3%
650W
NOTES:
(1) Add suffix “B” for U-bracket format and “C” for enclosed format.
(2) All outputs are floating. It can be connected externally for postive or negative output.
(3) Output 1 and 2 can be adjusted within
±5% of their nominal voltage.
(4) Output 3 can be adjusted within
±15% of their nominal voltage.
(5) 650 watts for “C” version with a cover and fan assembly 325 watts for “B” version without moving air (maximum current of ouput #1 & #2 derated to 70%),
or 450 watts with 50 CFM forced air provided by user.
(6) Single output models may be operated at no-load. At no-load, output voltage tolerance increases to 10%.
P1(AC)
P2 P3
P4
MODEL/PIN
1
2
3
1
2
3
4
5
6
7
8
9
10
PM650-12
PM650-14
PM650-17
PM650-13
PM650-16
PM650-18
Live Neutral Ground +V
-V
Signal Ground
(-V01)
+S(V01) -S(V01) PFD
Inhibit
+ve
Inhibit
-ve
N.C.
N.C.
0V
(Fan)
Fan
Pin Chart
P1(AC)
P2
P3
P4
MODEL/PIN
1
2
3
1
2
3
4
5
6
7
8
9
10
PM650-20
PM650-22
PM650-24
PM650-31
PM650-33
PM650-35
PM650-37
PM650-21
PM650-23
PM650-30
PM650-32
PM650-34
PM650-36
Live Neutral Ground +V01
+V01
Signal Ground
(-V01)
+S(V01) -S(V01) PFD Inhibit Inhibit
-ve
-S(V02) -S(V02) 0V
(Fan)
Fan


Similar Part No. - PM650-12

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-10A TRUMPOWER-PM65-10A Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65-10A POWERBOX-PM65-10A Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-12A TRUMPOWER-PM65-12A Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM650-12

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
   200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
   30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
   72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
   40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
   150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com