Electronic Components Datasheet Search |
|
MI-27K-IW Datasheet(PDF) 1 Page - Powerbox |
|
MI-27K-IW Datasheet(HTML) 1 Page - Powerbox |
|
1 / 1 page 372 MI-200 Series 50-100 W A TTS MILIT AR Y COTS DC/DC CONVER TER Features • 28Vdc Inputs per MIL-STD-704D/E/F • 155Vdc Inputs per MIL-STD-1399A • 270Vdc Inputs per MIL-STD-704D/E/F • MIL-STD-810 environments • OVP and Thermal shutdown • Power boosters for higher power • Low noise FM control Specifications INPUT Input Voltage See input voltage chart No Load Power Dissipation Typ 1.35W OUTPUT Set point accuracy 0.5% V nom typical Load/Line regulation 0.05% V nom typical. 10% to full load Output temperature drift 0.01%/°C Output noise 1%pp V nom Output Voltage Trimming 50% - 110% Remote Sense Compensation 0.5 V Current limit 105% - 125% Short Circuit Current 20% - 130% OPERATING Isolation Input - Output 3,000Vrms Output to Baseplate 500Vrms Input to Baseplate 1,500Vrms Efficiency 80 – 90% ENVIRONMENTAL I Grade M Grade Storage Temperature -55°C to +100°C -65°C to +100°C Operating Temperature (baseplate) -40°C to +85°C -55°C to +85VC Power Cycling Burn-in 12hrs 25 cycles 96hrs 200 cycles Temperature Cycled With Power off 48 hrs, 12cycles -65°C to +100°C 48hrs, 12cycles -65°C to +100°C Test Data Supplied at these temperature -40°C to +80°C -55°C to +80°C A = INPUT VOLTAGE B = OUTPUT VOLTAGE VNOM RANGE TRANS. 2= 28V 18–50V (1) 60V Z=2V T = 6.5V 2 = 15V K = 40V 5= 155V 100–210V 230V Y= 3.3V R = 7.5V N = 18.5V J = 48V 6= 270V 125–400V (2) 475V 0= 5V M = 10V 3 = 24V 7= 165V 100–310V X= 5.2V 1 = 12V L = 28V V= 5.8V P = 13.8V J = 36V C = PRODUCT GRADE D = OUTPUT POWER/CURRENT 5V <5V I= -40°C to +85°C Y = 50W Y = 10A M=-55°C to +85°C X = 75W X = 15A W = 100W W = 20A V= – V = 30A Note :(1) 16V operation at 75% load. (2) These units rated at 75% load from 125-150Vin: MI-26Z-XV, MI-26Y-XV, MI-260-XW. STANDARDS AND APPROVALS Environment (MIL-STD-8100) Altitude – Method 500.2 70,000 feet Humidity – Method 507.2 86/240 (% /hours) Acceleration – Method 513.3 9 g’s Vibration – Method 514.3 20g’s Shock – Method 516.3 40g’s Reliability (MIL-HDBK-217F) 25°C Ground Benign 3,277,000 hours 50°C Naval Sheltered 1,999,000 hours 65°C Airborne inhabited cargo 1,540,000 hours Derating NAVMAT P-4855-1A C-Tick AS/NZS2064:1997 Group 1 Class AEMC filters supplied with some models MECHANICAL Weight 170 grams Dimensions 116.8 x 61 x 12.7mm Selection Table MI-2(A)(B)-(C)(D) Note: For Technical Illustration refer to page 230 in Module Section |
Similar Part No. - MI-27K-IW |
|
Similar Description - MI-27K-IW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |