Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25-32A Datasheet(PDF) 2 Page - Powerbox

Part # PM25-32A
Description  25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM25-32A Datasheet(HTML) 2 Page - Powerbox

  PM25-32A Datasheet HTML 1Page - Powerbox PM25-32A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
331
Your dependable power partner – www.powerbox.com.au
PM25A Series
25-28 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
MAX.
MODEL
OUTPUT #1
OUTPUT
OUTPUT #3
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
POWER
PM25-10A
5.1V
0A
5.5A
2%
28W
PM25-12A
12V
0A
2.3A
1%
28W
PM25-13A
15V
0A
1.9A
1%
28W
PM25-14A
24V
0A
1.2A
1%
28W
PM25-15A
28V
0A
1.0A
1%
28W
PM25-23A
+5.1V
0A
2.5A
3%
+12V
0.2A
1.5A
5%
25W
PM25-25A
+5.1V
0A
2.5A
3%
+24V
0.1A
0.8A
5%
25W
PM25-31A
+5.1V
0A
2.5A
3%
+12V
0.2A
1.5A
5%
-12V
0.05A
0.2A
4%
25W
PM25-32A
+5.1V
0A
2.5A
3%
+15V
0.1A
1.0A
5%
-15V
0.05A
0.2A
4%
25W
PM25-39A
+5.1V
0.3A
2.5A
3%
+24V
0.1A
0.8A
5%
-12V
0.05A
0.2A
4%
25W
NOTES:
(1) All multiple output models may be operated at no-load without damage. At no -load, output voltage tolerance increases to 10%.
(2) Ripple and noise: Peak to peak with 20MHz bandwidth and 10
µF in parallel with a 0.1µF capacitor at rated line voltage and load range.
(3) Safety agency approvals are for the above listed models in PCB mounted format. To order a model with a metallic L-bracket or box, change suffix “A” to
“B”for L-bracket format, to “C” for enclosed format.
Selection Table
SINGLE OUTPUT MODELS
MODEL/PIN
1
2
3
4
PM25-10A
PM25-13A
PM25-15A
PM25-12A
PM25-14A
Return
Return
Output 1
Output 1
MULTIPLE OUTPUT MODELS
MODEL/PIN
1
2
3
4
5
6
PM25-23A
PM25-25A
Output 2
Output 1
Output 1
Common
Return
Common
Return
N.C.
PM25-31A
PM25-39A
PM25-32A
Output 2
Output 1
Output 1
Common
Return
Common
Return
Output 3
Pin Chart
Technical Illustration
SINGLE OUTPUT
MULTIPLE OUTPUT


Similar Part No. - PM25-32A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM25-32A POWERBOX-PM25-32A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
More results

Similar Description - PM25-32A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PMP30 POWERBOX-PMP30 Datasheet
465Kb / 2P
   25 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
   200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
   30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
   72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
   650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
   40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com