Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBLN48C05CM Datasheet(PDF) 1 Page - Powerbox

Part # PBLN48C05CM
Description  77-275 WATTS FLOAT CHARGER LINEAR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBLN48C05CM Datasheet(HTML) 1 Page - Powerbox

  PBLN48C05CM Datasheet HTML 1Page - Powerbox PBLN48C05CM Datasheet HTML 2Page - Powerbox PBLN48C05CM Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
283
Your dependable power partner – www.powerbox.com.au
Features
• Very low noise
• Highly efficient linear design
• Chassis or rack mount
• Superior line & load regulation
• Single outputs
• C-Tick compliant
OPERATING
Efficiency
60%–80% depending on output voltage
Isolation
Input – Output: 3500VAC, 1 min
Input – Ground: 1500VAC,
1 min with varistors removed
Output – Ground: 500VAC, 1 min
Battery Fault Indication
Cell voltage less than 1.8V ±4% flashing current
limit LED
ENVIRONMENTAL
Operating Temperature
0°C to 50°C at full load
Derating
50°C to 70°C derate linearly to 40%
Cooling
Natural convection
High Temperature
Thermal shutdown, Auto electronic reset
STANDARDS AND APPROVALS
Safety
AS3260. Austel approved
C-Tick/EMC Standards
AS/NZS CISR11: Group 1,Class B
MECHANICAL
Connections
7-way 9.5mm barrier terminal block
Mounting
CM – Chassis mounting, RM – Rack
mounting
PBLNC Series
77-275 W A TTS FLOA T CHARGER LINEAR
Specifications
INPUT
Input Voltage
240VAC ±5% full output current
Frequency
50Hz/60Hz
Input Protection
Yes
Input Fuse
Yes
OUTPUT
Output Voltage
See table
Output Current
See table
Line Regulation
±0.1% max.
Load Regulation
±0.5% max.
Temperature Coefficient
±50ppm per °C typical (±250ppm
per °C max.)
Output Ripple
0.5mV pk-pk max. (100Hz/120Hz)
Overvoltage Protection
SCR crowbar, factory set at 120% V out ±5%
Overcurrent Protection
Foldback current limiting 115% I max.
Selection Table
MODEL
NUMBER
OUTPUT
OUTPUT
VDC
AMPS
POWER
PBLN12C05CM
13.8V
5A
70W
PBLN12C05RM
13.8V
5A
70W
PBLN12C10CM
13.8V
10A
138W
PBLN12C10RM
13.8V
10A
138W
PBLN24C05CM
27.6V
5A
138W
PBLN24C05RM
27.6V
5A
138W
PBLN24C10CM
27.6V
10A
276W
PBLN24C10RM
27.6V
10A
276W
PBLN48C05CM
55.2V
5A
276W
PBLN48C05RM
55.2V
5A
276W


Similar Part No. - PBLN48C05CM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBLN48C05CM POWERBOX-PBLN48C05CM Datasheet
313Kb / 2P
   7 7 - 2 7 5 WAT T S F L O AT C H A R G E R L I N E A R
More results

Similar Description - PBLN48C05CM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
logo
Powerbox
3303DS POWERBOX-3303DS Datasheet
91Kb / 1P
   60 - 200 WATTS LINEAR
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
SE9011 SEAWARD-SE9011 Datasheet
294Kb / 8P
   Standalon Linear Lithum Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com