Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBJE45-33 Datasheet(PDF) 1 Page - Powerbox

Part # PBJE45-33
Description  45-100 WATTS DC/DC SINGLE DUAL & TRIPLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBJE45-33 Datasheet(HTML) 1 Page - Powerbox

  PBJE45-33 Datasheet HTML 1Page - Powerbox PBJE45-33 Datasheet HTML 2Page - Powerbox PBJE45-33 Datasheet HTML 3Page - Powerbox PBJE45-33 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
407
Your dependable power partner – www.powerbox.com.au
PBJE Series
45-100
W A TTS
DC/DC
SINGLE
DUAL
&
TRIPLE
OUTPUT
Features
Low cost
Available in AC or DC input
Fully isolated output
AC power fail signal, optional
Short circuit protection
Overvoltage protection
Specifications
INPUT
Input voltage
115/230VAC dual selectable
9–18VDC, add “-12” to model No.
18–36VDC, add “-24” to model No.
36–72VDC, add “-48” to model No.
Input protection
Input fuse
Inrush current
AC inputs: 25A
OUTPUT
Output Voltage
See table
Output Voltage Adjustment Output 1 adjusts from -10% to OVP trip point
For AC inputs, 60W & 100W Output 2 adjusts
±10%
Output current
See table
Ripple & noise
1% typical, 2% max.
Line regulation
0.4% typical
Load regulation
Output 1, 1% typical; Outputs 2 & 3, 2-3% typical
Overvoltage protection
Yes, on Output 1
Overload protection
Yes, at 125%–150% rated power
Short circuit protection
Yes
Transient response
3mS for AC inputs, 50% load change
Holdup time
20mS min. after loss of AC input
Rise time
400mS typical for DC inputs
Remote sense
Available on AC input units, single outputs
OPERATING
Efficiency
70%–75% typical
Safety isolation
AC Input:Input – Output: 3750VAC
Input – Ground: 1500VAC
Output – Ground: 500VAC
DC Input: Input – Output: 1500VAC
Input – Ground: 500VAC
Output – Ground: 500VAC
Remote inhibit
Yes for AC input
Powerfail
Yes for AC input, optional
ENVIRONMENTAL
Operating temperature
0°C to 50°C full rating
Inside rack space
50°C to 70°C derate linearly to half load
Storage temperature
-20°C to 85°C
Cooling
Convection cooled
STANDARDS AND APPROVALS
Safety standards
IEC60950-1/UL60950-1 Class 1
C-Tick
AS/NZS CISPR11: 2002 Group1 Class A
EMI standards
Meet CISPR PUB 22, FFCC Class B
MECHANICAL
Dimensions
45W: 30.3x128.7x160mm
60W: 40.5x128.7x160mm
100W: 50.6x128.7x160mm
Connector
DIN 41612-15


Similar Description - PBJE45-33

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAE32 POWERBOX-MAE32 Datasheet
454Kb / 2P
   15 WATTS SINGLE & DUAL & TRIPLE OUTPUT DC/DC INDUSTRIAL
TR45 POWERBOX-TR45 Datasheet
593Kb / 1P
   45 WATTS SINGLE OUTPUT AC/DC GENERAL
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com