Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBBA-1212C Datasheet(PDF) 5 Page - Powerbox

Part # PBBA-1212C
Description  1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA-1212C Datasheet(HTML) 5 Page - Powerbox

  PBBA-1212C Datasheet HTML 1Page - Powerbox PBBA-1212C Datasheet HTML 2Page - Powerbox PBBA-1212C Datasheet HTML 3Page - Powerbox PBBA-1212C Datasheet HTML 4Page - Powerbox PBBA-1212C Datasheet HTML 5Page - Powerbox PBBA-1212C Datasheet HTML 6Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
202
PBBA Series
15-25
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Features
High power density
Low profile
PCB mounting
2:1 input ratio
Regulated output
Overcurrent protection
On/off remote control
Specifications
INPUT
Nominal voltage
12VDC, 24VDC, 48VDC
Voltage range
9–18V, 18–36V, 36–72V
Input filter
Yes
Input protection
Use external fuse
OUTPUT
Output voltage
See table
Voltage adjustment
±5% by external resistors
Output current
See table
Output voltage setting
Within ±5% of nominal
Ripple & noise
All output 150mV pk-pk max.
Line regulation
Single Out: 5V rail – 20mV, 12V rail – 48mV
• Dual Out: ±12V rail – 60mV, ±15V rail –
75mV
Load regulation
Single Out: 5V rail – 40mV, 12V rail – 100mV
• Dual Out: ±12V rail – 600mV, ±15V rail –
750mV
Temperature drift
Over 0°C to 55°C – 1%
Rise time
100mS with full load
Overcurrent protection
Set at approx. 105% of rating and recovers
automatically
Overvoltage protection
Set at 115–140% of V out
(sum of ± output voltage)
OPERATING
Efficiency
Typically 83%
Isolation
Input – Output: 500Vdc
Input – Case: 500Vdc
Output – Case: 500Vdc
Insulation resistance
50M
Ω
Remote control
Shortcircuit (RC & -V pins) or 1.2V output
OFF • Open or 2.4-5.5V output
ON • Compatible with TTL
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A
ENVIRONMENTAL
Operating temperature -20°C to 55°C at FL
Humidity
20%–90% RH, non condensing
Vibration
10Hz–55Hz 10G 3 min period for 60 minutes each
along x, y, and z axis
Shock/Impact
50G 11mS once each along x, y and z axis
MECHANICAL
Dimensions
PBBA-F: 45x50x8.5mm
PBBA-G: 65x50x8.5mm
Weight
PBBA-F: 55g
PBBA-G: 65g
Selection Table - Single Output
MODEL
NUMBER
INPUT
VOLTAGE
Vdc
OUTPUT
VOLTAGE
Vdc
OUTPUT
CURRENT
A
OUTPUT
POWER
Watt
PBBA-053R3F
4.5-9
3.3
2
15W
PBBA-0505F
4.5-9
5
2
15W
PBBA-0512F
4.5-9
12
1
15W
PBBA-1205F
9-18
5
2.4
15W
PBBA-1212F
9-18
12
1.3
15W
PBBA-2405F
18-36
5
2.4
15W
PBBA-2412F
18-36
12
1.3
15W
PBBA-483R3F
36-76
3.3
2.4
15W
PBBA-4805F
36-76
5
2.4
15W
PBBA-4812F
36-76
12
1.3
15W
PBBA-053R3G
4.5-9
3.3
4
25W
PBBA-0505G
4.5-9
5
3.2
25W
PBBA-0512G
4.5-9
12
1.7
25W
PBBA-1205G
9-18
5
4
25W
PBBA-1212G
9-18
12
2.1
25W
PBBA-2405G
18-36
5
4
25W
PBBA-2412G
18-36
12
2.1
25W
PBBA-483R3G
36-76
3.3
4
25W
PBBA-4805G
36-76
5
2.1
25W
PBBA-4812G
36-76
12
2.1
25W


Similar Part No. - PBBA-1212C

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-1212A POWERBOX-PBBA-1212A Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBBA-1212B POWERBOX-PBBA-1212B Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
More results

Similar Description - PBBA-1212C

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E01 POWERBOX-E01 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
   8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
   10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com