Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBIH-4805F Datasheet(PDF) 1 Page - Powerbox

Part # PBIH-4805F
Description  15-150 WATTS DC/DC SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBIH-4805F Datasheet(HTML) 1 Page - Powerbox

  PBIH-4805F Datasheet HTML 1Page - Powerbox PBIH-4805F Datasheet HTML 2Page - Powerbox PBIH-4805F Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
106
PBIH Series
15-150 W A TTS DC/DC SINGLE OUTPUT
Specifications
INPUT
Input voltage
12VDC (9.2–16)
24VDC (19–32)
48VDC (38–63)
110VDC (85–140)
Inrush current
20A max. for 110V only
OUTPUT
Output voltage
See table
Voltage adjustment
±10%, ±5% for PBIH-F
Output current
See table
Ripple & noise
Output Volts x 1% + 50mV to -100mV pk-pk
Line regulation
0.8% over input range
Load regulation
0.9%, 0%–100% load
Temperature coefficient
0°C to 50°C, 0.03% per °C
Overvoltage protection
O.V. clamp, PBIH-F
Output shutdown, PBIH-G, J, M, R – input must
be switched off for at least 30S to reactivate
Overcurrent protection
Fold back – PBIH-F
Current limiting, PBIH-G, J, M, R (PBIH-R series is
adjustable); PBIH110xxR models are not
adjustable
Drift
Output V x 0.5% + 15(mV) per 8 hrs after 1 hr
warm-up
Rise Time
200mS max. – PBIH-F, M, R
100mS max. – PBIH-G, J (at 25°C)
Holdup time
10mS (only 110V input)
Remote sense
PBIH-R Series only
OPERATING
Efficiency
70%–89%
Safety isolation (1 minute)
Type – 12, 24, 48V input
Input – Output: 1500VAC
Input– Case: 1500VAC
Output– Case: 500VAC
Type– 110V input
Input– Output: 2000VAC
Input– Case: 2000VAC
Output– Case: 500VAC
Insulation resistance
50M (500VDC) Input – Case
Parallel operation
Consult sales office for details
Remote control
PBIH-R Series:
Open link: output normal
Short link: output off
ENVIRONMENTAL
Operating temperature
0°C to 50°C full load
Cooling
Convection cooled
Storage temperature
-20°C to +85°C
Humidity
85%
Shock
30G, PBIH-F, G and J
Vibration
(5Hz–10Hz, 10mm),
(10Hz–50Hz) 2G, PBIH-F, G and J
STANDARDS AND APPROVALS
Safety
Designed to UL1950
C-tick
AS/NZS CISPR11 Group 1, Class A
MECHANICAL
Weight
PBIH-F : 250g
PBIH-G : 380g
PBIH-J : 410g
PBIH-M : 800g
PBIH-R : 1.4kg
Features
Wide selection of models
4 input voltage ranges
High efficiency
Low output ripple
Proven reliability
Good thermal margins


Similar Part No. - PBIH-4805F

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBIH-4805F POWERBOX-PBIH-4805F Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
More results

Similar Description - PBIH-4805F

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
PB271 POWERBOX-PB271 Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
   15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
logo
Integrated Power Design...
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
logo
Powerbox
PUP150 POWERBOX-PUP150 Datasheet
435Kb / 2P
   150 WATTS SINGLE OUTPUT AC/DC GENERAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com