Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHIR4840-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHIR4840-PF
Description  INFRARED EMITTING DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR4840-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHIR4840-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHIR4840-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR4840-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR4840-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR4840-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIR4840-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIR4840-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHIR4840-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
SYMBOL
Ee
λpeak
Le
VF
△λ
IR
2
θ1/2
Electrical Optical Characteristics (Aa=25
)
Spectral Line Half Width
Forward Voltage
Reverse Current
Viewing Angle
Peak Wavelength
PARAMETER
Aperture Radiant Incidence
Radiant Intensity
IF=20mA
50
142
---
100
deg
1.6
V
μA
nm
VR=5V
IF=20mA
UNIT
mW/cm
mW/sr
0.42
3
Typ.
850
0.14
1
Min.
nm
Max.
TEST CONDITION
2
IF=20mA
IF=20mA
IF=20mA
Absolute Maximum Ratings at Ta=25
LHIR4840-PF
PART NO.
Peak Forward Current
(300PPS,10
μs Pulse)
Reverse Voltagev
Operating Temperature
Storage Temperature
Power Dissipation
Forward Current
Parameter
2/7
Page
Vr
Topr
Tstg
PD
IFP
5
100
1
IF
Symbol
HIR
50
Ratings
mW
V
A
UNIT
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.2
Electrostatic Discharge
Esd
2000
V
-40 ~ +85
-40 ~ +85


Similar Part No. - LHIR4840-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR4843-A-PF LIGITEK-LHIR4843-A-PF Datasheet
290Kb / 10P
   High radiant intensity.
More results

Similar Description - LHIR4840-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com