Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHG2093 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LHG2093
Description  DUAL COLOR LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHG2093 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LHG2093 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHG2093 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHG2093 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHG2093 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHG2093 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHG2093 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.ANODE GREEN
2.COMMON CATHODE
3.ANODE RED
18.0MIN
2.0MIN
2.54TYP
2.54TYP
2.0MIN
Package Dimensions
LHG2093
PART NO.
1/5
Page
4.2
6.7
±0.5
5.2
G
0.5
TYP
1
2
3
1
1.5
MAX
3
2
H
4.0
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation
50%
0
25%
50%
100% 75%
25%
100%
75%
-60
°
-30
°
0
°
-60
°
30
°


Similar Part No. - LHG2093

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LHG2092 ETC2-LHG2092 Datasheet
78Kb / 6P
   DUAL COLOR LED LAMPS
logo
LIGITEK electronics co....
LHG2092 LIGITEK-LHG2092 Datasheet
82Kb / 6P
   DUAL COLOR LED LAMPS
LHG2092-L17-PF LIGITEK-LHG2092-L17-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHG2092-PF LIGITEK-LHG2092-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
More results

Similar Description - LHG2093

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com