Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI-25M-MX Datasheet(PDF) 1 Page - Powerbox

Part # MI-25M-MX
Description  50-100 WATTS MILITARY COTS DC/DC CONVERTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MI-25M-MX Datasheet(HTML) 1 Page - Powerbox

  MI-25M-MX Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
372
MI-200 Series
50-100 W A TTS MILIT AR Y COTS DC/DC CONVER TER
Features
28Vdc Inputs per MIL-STD-704D/E/F
155Vdc Inputs per MIL-STD-1399A
270Vdc Inputs per MIL-STD-704D/E/F
MIL-STD-810 environments
OVP and Thermal shutdown
Power boosters for higher power
Low noise FM control
Specifications
INPUT
Input Voltage
See input voltage chart
No Load Power Dissipation
Typ 1.35W
OUTPUT
Set point accuracy
0.5% V nom typical
Load/Line regulation
0.05% V nom typical. 10% to full load
Output temperature drift
0.01%/°C
Output noise
1%pp V nom
Output Voltage Trimming
50% - 110%
Remote Sense Compensation
0.5 V
Current limit
105% - 125%
Short Circuit Current
20% - 130%
OPERATING
Isolation
Input - Output 3,000Vrms
Output to Baseplate 500Vrms
Input to Baseplate 1,500Vrms
Efficiency
80 – 90%
ENVIRONMENTAL
I Grade
M Grade
Storage Temperature
-55°C to +100°C
-65°C to +100°C
Operating Temperature
(baseplate)
-40°C to +85°C
-55°C to +85VC
Power Cycling Burn-in
12hrs 25 cycles
96hrs 200 cycles
Temperature Cycled
With Power off
48 hrs, 12cycles
-65°C to +100°C
48hrs, 12cycles
-65°C to +100°C
Test Data Supplied at these
temperature
-40°C to +80°C
-55°C to +80°C
A = INPUT VOLTAGE
B = OUTPUT VOLTAGE
VNOM
RANGE
TRANS.
2= 28V
18–50V (1)
60V
Z=2V
T = 6.5V
2 = 15V
K = 40V
5= 155V 100–210V
230V
Y= 3.3V
R = 7.5V N = 18.5V
J = 48V
6= 270V 125–400V (2) 475V
0= 5V
M = 10V
3 = 24V
7= 165V 100–310V
X= 5.2V
1 = 12V
L = 28V
V= 5.8V
P = 13.8V J = 36V
C = PRODUCT GRADE
D = OUTPUT POWER/CURRENT
5V
<5V
I= -40°C to +85°C
Y = 50W
Y = 10A
M=-55°C to +85°C
X = 75W
X = 15A
W = 100W W = 20A
V= –
V = 30A
Note :(1) 16V operation at 75% load. (2) These units rated at 75% load from
125-150Vin: MI-26Z-XV, MI-26Y-XV, MI-260-XW.
STANDARDS AND APPROVALS
Environment (MIL-STD-8100)
Altitude – Method 500.2
70,000 feet
Humidity – Method 507.2
86/240 (% /hours)
Acceleration – Method 513.3
9 g’s
Vibration – Method 514.3
20g’s
Shock – Method 516.3
40g’s
Reliability (MIL-HDBK-217F)
25°C Ground Benign
3,277,000 hours
50°C Naval Sheltered
1,999,000 hours
65°C Airborne inhabited
cargo
1,540,000 hours
Derating
NAVMAT P-4855-1A
C-Tick
AS/NZS2064:1997 Group 1 Class AEMC filters
supplied with some models
MECHANICAL
Weight
170 grams
Dimensions
116.8 x 61 x 12.7mm
Selection Table
MI-2(A)(B)-(C)(D)
Note: For Technical Illustration refer to page 230 in Module Section


Similar Part No. - MI-25M-MX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-25M-MX VICOR-MI-25M-MX Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
List of Unclassifed Man...
MI-25M-MX ETC1-MI-25M-MX Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
More results

Similar Description - MI-25M-MX

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-J2Z-IJ POWERBOX-MI-J2Z-IJ Datasheet
782Kb / 1P
   10-50 WATTS MILITARY COTS DC/DC CONVERTER
MI-LJ2Z-IJ POWERBOX-MI-LJ2Z-IJ Datasheet
635Kb / 1P
   10-150 WATTS MILITARY COTS DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-HP SYNQOR-MCOTS-C-28-15-HP Datasheet
1,013Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-24-QT SYNQOR-MCOTS-C-28-24-QT Datasheet
999Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-QT SYNQOR-MCOTS-C-28-15-QT Datasheet
982Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-HP SYNQOR-MCOTS-C-28-48-HP Datasheet
1Mb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
   MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com