Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90A44P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC90A44P
Description  NTSC 2-LINE DIGITAL Y/C SEPARATION IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A44P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC90A44P Datasheet HTML 1Page - Toshiba Semiconductor TC90A44P Datasheet HTML 2Page - Toshiba Semiconductor TC90A44P Datasheet HTML 3Page - Toshiba Semiconductor TC90A44P Datasheet HTML 4Page - Toshiba Semiconductor TC90A44P Datasheet HTML 5Page - Toshiba Semiconductor TC90A44P Datasheet HTML 6Page - Toshiba Semiconductor TC90A44P Datasheet HTML 7Page - Toshiba Semiconductor TC90A44P Datasheet HTML 8Page - Toshiba Semiconductor TC90A44P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC90A44P,45P/F
2001-01-16 1/11
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC90A44P,TC90A45P,TC90A45F
NTSC 2-LINE DIGITAL Y / C SEPARATION IC
The TC90A44P, TC90A45P / F separates luminance (Y) and
chrominance (C) signals from NTSC system composite video signal
by using 2 horizontal (H) lines separation. The Y / C separation unit
for TV and VCR set is able to assembled at low cost, because it
requires few external parts and no adjustment.
FEATURES
· TV system : NTSC
· PLL4 × multiplication circuit
· sync. tip clamping circuit
· Internal 8 bit A / D converter
· Internal 8 bit D / A converters (2 ch.)
· 1 H line memory
· Dynamic comb filter
· Color killer mode (Y / C separation OFF)
· DIP16 / SOP16 package
· 5 V single power supply
Weight
DIP16-P-300-2.54A : 1.00 g (Typ.)
SOP16-P-300-1.27 : 0.18 g (Typ.)
· TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
· The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
· The products described in this document are subject to the foreign exchange and foreign trade laws.
· The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
· The information contained herein is subject to change without notice.
000707EBA1


Similar Part No. - TC90A44P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
More results

Similar Description - TC90A44P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A53N TOSHIBA-TC90A53N Datasheet
305Kb / 17P
   3-LINE DIGITAL Y / C SEPARATOR IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Toshiba Semiconductor
TC9090AN TOSHIBA-TC9090AN Datasheet
787Kb / 23P
   Multicolor system Version 3-Line digital YC Separation ic
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
logo
Toshiba Semiconductor
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
NEC
UPD64084 NEC-UPD64084 Datasheet
419Kb / 66P
   THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
logo
Sony Corporation
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com