Electronic Components Datasheet Search |
|
M-FIAM5BI41 Datasheet(PDF) 1 Page - Powerbox |
|
M-FIAM5BI41 Datasheet(HTML) 1 Page - Powerbox |
|
1 / 1 page 379 Your dependable power partner – www.powerbox.com.au M-FIAM3 & M-FIAM5 Series MILIT AR Y COTS INPUT A TTENUA TOR MODULES Features • MIL-STD-461E compliant. • MIL-STD-704E/F input transient protection. • MIL-STD-810, MIL-STD-202 environments. • Environment stress screening. • Inrush current limiting. • Reverse polarity protection. • Low profile mounting options. Specifications INPUT Voltage 18-36Vdc (28Vdc modules). 180-375Vdc (270Vdc modules). Input transient 50Vdc, 12.5ms, MIL-STD-704E/F, continuous operation (28Vdc modules). 400Vdc, 100ms, MIL-STD-704E/F (270Vdc modules). Inrush limiting 0.007A/ μF (28Vdc modules). 0.018A/ μF (270Vdc modules). Isolation Input/output to base: 1,500Vrms Input/output to base: 2,121Vdc OUTPUT Output current 20Amps (28Vdc input). 3Amps (270Vdc input). Internal voltage drop 0.5Vdc typ., 1.0Vdc max. (28Vdc input). 3.0Vdc typ., 5.0Vdc max. (270Vdc input). Efficiency 96-98% EMC CHARACTERISTICS; MIL-STD-461E Input power leads CE101, CE102 (Conducted emissions). CS101, CS114, CS115, CS116 (Conducted susceptibility). ENVIRONMENTAL H-Grade M-Grade Storage temperature -55°C to +125°C -65°C to +125°C Operating temperature (baseplate) -40°C to +100°C -55°C to +100°C Power cycling burn-in 12hrs 28 cycles 24hrs 56 cycles Temperature cycling 12cycles -65°C to +100°C 12cycles 65°C to +105°C Test data supplied at these temperatures -40°C, +100°C -55°C, +100°C Environmental compliance MIL-STD-810 MIL-STD-810 MODEL NUMBER NOMINAL INPUT VOLTAGE INPUT RANGE COMPATIBLE MI-SERIES M-FIAM5B [A] [B] [C] 28Vdc 18-36V V24 series M-FIAM3 [A] [B] [C] 270Vdc 180-375V V300 series Please substitute selection character (e.g. [a]) with value designator in the appropriate table below. Selection Table A=PRODUCT GRADE B = PIN STYLE C = BASEPLATE I = -40°C to +85°C 1 = Short 1= Slotted M = -55°C to +85°C 2 = Long 2 = Threaded 3 = Short ModuMate 3 = Thru Hole 4 = Long ModuMate |
Similar Part No. - M-FIAM5BI41 |
|
Similar Description - M-FIAM5BI41 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |