Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8545EVUAQG Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8545EVUAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8545EVUAQG Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8545EVUAQG Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8545EVUAQG Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
6
Freescale Semiconductor
Overview
– Dedicated single data rate SDRAM controller
— Parity support
— Default boot ROM chip select with configurable bus width (8, 16, or 32 bits)
Four enhanced three-speed Ethernet controllers (eTSECs)
— Three-speed support (10/100/1000 Mbps)
— Four controllers designed to comply with IEEE Std. 802.3™, 802.3u™, 802.3x™, 802.3z™,
802.3ac™, and 802.3ab™
— Support for various Ethernet physical interfaces:
– 1000 Mbps full-duplex IEEE 802.3 GMII, IEEE 802.3z TBI, RTBI, and RGMII
– 10/100 Mbps full and half-duplex IEEE 802.3 MII, IEEE 802.3 RGMII, and RMII
— Flexible configuration for multiple PHY interface configurations. See Section 8.1, “Enhanced
Three-Speed Ethernet Controller (eTSEC)
(10/100/1Gb Mbps)—GMII/MII/TBI/RGMII/RTBI/RMII Electrical Characteristics,” for
more information.
— TCP/IP acceleration and QoS features available
– IP v4 and IP v6 header recognition on receive
– IP v4 header checksum verification and generation
– TCP and UDP checksum verification and generation
– Per-packet configurable acceleration
– Recognition of VLAN, stacked (queue in queue) VLAN, IEEE Std 802.2™, PPPoE session,
MPLS stacks, and ESP/AH IP-security headers
– Supported in all FIFO modes
— Quality of service support:
– Transmission from up to eight physical queues
– Reception to up to eight physical queues
— Full- and half-duplex Ethernet support (1000 Mbps supports only full duplex):
– IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or
software-programmed PAUSE frame generation and recognition)
— Programmable maximum frame length supports jumbo frames (up to 9.6 Kbytes) and
IEEE Std. 802.1™ virtual local area network (VLAN) tags and priority
— VLAN insertion and deletion
– Per-frame VLAN control word or default VLAN for each eTSEC
– Extracted VLAN control word passed to software separately
— Retransmission following a collision
— CRC generation and verification of inbound/outbound frames
— Programmable Ethernet preamble insertion and extraction of up to 7 bytes
— MAC address recognition:
– Exact match on primary and virtual 48-bit unicast addresses


Similar Part No. - MPC8545EVUAQG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8545ECHXANGA NXP-MPC8545ECHXANGA Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545ECHXANGB NXP-MPC8545ECHXANGB Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545ECHXANGD NXP-MPC8545ECHXANGD Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545ECHXAQGA NXP-MPC8545ECHXAQGA Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
MPC8545ECHXAQGB NXP-MPC8545ECHXAQGB Datasheet
1Mb / 151P
   MPC8548E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 10, 06/2014
More results

Similar Description - MPC8545EVUAQG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com