Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8548EHXAQG Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8548EHXAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548EHXAQG Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8548EHXAQG Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548EHXAQG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
4
Freescale Semiconductor
Overview
– Up to 32 simultaneous open pages for DDR2
— Contiguous or discontiguous memory mapping
— Read-modify-write support for RapidIO atomic increment, decrement, set, and clear
transactions
— Sleep mode support for self-refresh SDRAM
— On-die termination support when using DDR2
— Supports auto refreshing
— On-the-fly power management using CKE signal
— Registered DIMM support
— Fast memory access via JTAG port
— 2.5-V SSTL_2 compatible I/O (1.8-V SSTL_1.8 for DDR2)
— Support for battery-backed main memory
Programmable interrupt controller (PIC)
— Programming model is compliant with the OpenPIC architecture.
— Supports 16 programmable interrupt and processor task priority levels
— Supports 12 discrete external interrupts
— Supports 4 message interrupts with 32-bit messages
— Supports connection of an external interrupt controller such as the 8259 programmable
interrupt controller
— Four global high resolution timers/counters that can generate interrupts
— Supports a variety of other internal interrupt sources
— Supports fully nested interrupt delivery
— Interrupts can be routed to external pin for external processing.
— Interrupts can be routed to the e500 core’s standard or critical interrupt inputs.
— Interrupt summary registers allow fast identification of interrupt source.
Integrated security engine (SEC) optimized to process all the algorithms associated with IPSec,
IKE, WTLS/WAP, SSL/TLS, and 3GPP
— Four crypto-channels, each supporting multi-command descriptor chains
Dynamic assignment of crypto-execution units via an integrated controller
Buffer size of 256 bytes for each execution unit, with flow control for large data sizes
— PKEU—public key execution unit
– RSA and Diffie-Hellman; programmable field size up to 2048 bits
– Elliptic curve cryptography with F2m and F(p) modes and programmable field size up to
511 bits
— DEU—Data Encryption Standard execution unit
– DES, 3DES
– Two key (K1, K2) or three key (K1, K2, K3)
– ECB and CBC modes for both DES and 3DES


Similar Part No. - MPC8548EHXAQG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548EHXATHA FREESCALE-MPC8548EHXATHA Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548EHXATHA FREESCALE-MPC8548EHXATHA Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548EHXATHB FREESCALE-MPC8548EHXATHB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548EHXATHB FREESCALE-MPC8548EHXATHB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8548EHXATHC FREESCALE-MPC8548EHXATHC Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8548EHXAQG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com